Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP-2557C Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTP-2557C
Description  Property of Lite-On Only
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTP-2557C Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTP-2557C Datasheet HTML 1Page - Lite-On Technology Corporation LTP-2557C Datasheet HTML 2Page - Lite-On Technology Corporation LTP-2557C Datasheet HTML 3Page - Lite-On Technology Corporation LTP-2557C Datasheet HTML 4Page - Lite-On Technology Corporation LTP-2557C Datasheet HTML 5Page - Lite-On Technology Corporation LTP-2557C Datasheet HTML 6Page - Lite-On Technology Corporation LTP-2557C Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property
of
Lite-On Only
PART NO.:LTP-2557C
PAGE:
1 of 6
BNS-OD-C131/A4
FEATURES
* 2 inch (50.8 mm) MATRIX HEIGHT.
* LOW POWER REQUIREMENT.
* SINGLE PLANE, WIDE VIEWING ANGLE
* SOLID STATE RELIABILITY.
* 5x7 ARRAY WITH X-Y SELECT.
* COMPATIBLE WITH USASCLL AND EBCDIC CODES.
* STACKABLE HORIZONTALLY.
* CATEGORIZED FOR LUMINOUS INTENSITY.
*LEAD-FREE PACKAGE(ACCORDING TO ROHS)
DESCRIPTION
The LTP-2557C is a 2 inch (50.8 mm) matrix height 5x7 dot matrix display.
This device utilizes AlGaAs red LED chips, which are made from AlGaAs on
a non-transparent GaAs substrate, and has a gray face and white dot color.
DEVICE
PART NO.
DESCRIPTION
AlGaAs Red
LTP-2557C
Cathode Column
Anode Row


Similar Part No. - LTP-2557C

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTP-2557JD LITEON-LTP-2557JD Datasheet
152Kb / 6P
   Property of Lite-On Only
LTP-2557KD LITEON-LTP-2557KD Datasheet
159Kb / 6P
   Property of Lite-On Only
More results

Similar Description - LTP-2557C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com