Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR2633C0G104M250B Datasheet(PDF) 2 Page - SAMWHA ELECTRIC

Part # CR2633C0G104M250B
Description  Radial & Axial
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CR2633C0G104M250B Datasheet(HTML) 2 Page - SAMWHA ELECTRIC

  CR2633C0G104M250B Datasheet HTML 1Page - SAMWHA ELECTRIC CR2633C0G104M250B Datasheet HTML 2Page - SAMWHA ELECTRIC CR2633C0G104M250B Datasheet HTML 3Page - SAMWHA ELECTRIC CR2633C0G104M250B Datasheet HTML 4Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Multi Layer Ceramic Capacitors
27
SAMWHA CAPACITOR Co., Ltd.
26
Radial & Axial
CA 2633 Y5V 104 Z 500 F
How to Order(Product Identification)
Type
CR : Radial Lead Type
CA : Axial Lead Type
Capacitance Code(Pico Farads)
First two digits are significant ; third digit denotes number of zeros.
Ex.) 101 = 100㎊, 1R5 = 1.5㎊, 103 = 10,000㎊
Dimension Code
The number shows the maximum length of "L" by 1/10 in millimeter, and the
alphabet means lead difference.(Refer to above diagram)
Temperature Coefficient Code
Temperature Characteristice
Temperature Range
Capacitance Change or
Temperature Coefficient
C0G
-55 to 125℃
0±30ppm/℃
X7R
-55 to 125℃±15%
Z5U
10℃ to 85℃+22, -56%
Y5V
-30 to 85℃+22, -82%
Code
Dimensions
Tolerance
Code
Dimensions
Tolerance
Code
Dimensions
Tolerance
D(Ø)4
±0.3
P1
3.85
±0.7
F
64.8
-0, +2
H16
±0.5
P2
6.35
±1.3
G
50.8~53.3
H1
9
+0.76, -0.5
T
0.9
Max.
H
=J
±1.2
H2
0
±2W1
18
±0.5
J
=H
±1.2
L
11
Max.
W2
0
+0.6 Max.
K
0.8
Max.
L1
1.5
Max.
S
5
±0.7
N
5
±0.4
P
12.7
±0.3
R
3.2
Min.
No adhesive may be exposed
Rated Voltage Code
Code
250
500
101
Volt
DC 25V
DC 50V
DC 100V
Packing Code
Code
B
R
F
Packing
Bulk
Reel Pack
Flat Pack
1.
Operating Temperature
C0G : -55 to +125℃
X7R : -55 to +125℃ Z5U : +10 to +85℃
Range
Y5V : -30 to 85℃
2.
Insulation Resistance
More than 10,000
MΩ or 500Ω.F(whichever is smaller)
Applied the rated voltage for
2 minute
3.
Dielectric Strength
No detects or abnormalities
- C0G : The rated voltage×300%
- X7R, Z5U, Y5V :
〃×250%
4.
Capacitance
Within the specified tolerance
Temperature Compensating Type
5.
Dissipation Factor
6.
Terminal Strength
No evidence of damage to body of device of looseness
of terminals.
No.
Item
Characteristic
Temperature
Compensating Type
High Dielectric Constant Type
Test Methods
and Conditions
Reliability and Test Conditions
Char. 50V Min.
25V
16V
10V
X7R
≤2.5%
≤3%
≤3.5% ≤5.0%
Z%V ≤4.0%
--
-
≤5%
≤9%
Y5V
(<220㎋)
(<220㎋)
≤12.5%
≤7%
7%
≤12.5%
(≥220㎋)(≥220㎋)
30㎊ Min. :
Q≥1,000(DF≤0.1%)
30㎊ Max. :
Q≥400+20C
(DF≤1/(400+20C))
Cap.
Testing
Testing
Frequency
Voltage
C0G
1±0.1M㎐
0.5 to
(C≤1000pF)
5V rms
C0G
1±0.1k㎐
1±0.2V rms
(C >1000pF)
X7R, Z5U, Y5V
(C≤10㎌
1±0.1k㎐
1±0.2V rms
10V Min.)
A static load of 10N(1kgf) :
applied to one terminal in the
axial direction and acting in a
direction away from the body for
1 to 5 secs.
Capacitance Tolerance Code
Code
Tolerance
Remark
J
± 5.0 %
C0G
K
±10 %
X7R, C0G
M
± 20 %
Z5U, X7R
Z
+80, -20%
Z5U, Y5V


Similar Part No. - CR2633C0G104M250B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR2600SA LITTELFUSE-CR2600SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR2600SA ETC1-CR2600SA Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
logo
Littelfuse
CR2600SB LITTELFUSE-CR2600SB Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR2600SB ETC1-CR2600SB Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
logo
Littelfuse
CR2600SC LITTELFUSE-CR2600SC Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
More results

Similar Description - CR2633C0G104M250B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
logo
jb Capacitors Company
JFR JBCAPACITORS-JFR_15 Datasheet
211Kb / 1P
   Radial & Axial Polystyrene Film Capacitor
logo
Littelfuse
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
   Axial and Radial Lead Fuses
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
   Axial and Radial Lead Fuses
logo
Kemet Corporation
C052C109M1G5TA KEMET-C052C109M1G5TA Datasheet
140Kb / 10P
   CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com