Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF4112 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGF4112
Description  12 mm Discrete HFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF4112 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGF4112 Datasheet HTML 1Page - TriQuint Semiconductor TGF4112 Datasheet HTML 2Page - TriQuint Semiconductor TGF4112 Datasheet HTML 3Page - TriQuint Semiconductor TGF4112 Datasheet HTML 4Page - TriQuint Semiconductor TGF4112 Datasheet HTML 5Page - TriQuint Semiconductor TGF4112 Datasheet HTML 6Page - TriQuint Semiconductor TGF4112 Datasheet HTML 7Page - TriQuint Semiconductor TGF4112 Datasheet HTML 8Page - TriQuint Semiconductor TGF4112 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TriQuint Semiconductor Texas Phone: 972 994-8465
Fax 972 994-8504
Web: www.triquint.com
2
30
40
50
60
70
80
90
100
110
120
130
140
27
28
29
30
31
32
33
34
35
36
37
38
Vg = -1.1V
Vg = -1.3 V
Vg = -1.5 V
Pout
Tch
5
10
15
20
25
30
35
40
45
50
55
60
Vg = -1.1V
Vg = -1.3 V
Vg = -1.5 V
8
9
10
11
12
13
14
15
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Input Power (dBm)
Vg = -1.1V
Vg = -1.3 V
Vg = -1.5 V
TGF4112-EPU RF Performance for Vd = 7.0 V, F = 2.3 GHz, and T
A = 25°
C
Quiescent Id is 0.9 A (Vg = -1.1 V), 0.72 A (Vg = -1.3 V), and 0.61 A (Vg = -1.5 V)


Similar Part No. - TGF4112

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4118 TRIQUINT-TGF4118 Datasheet
152Kb / 9P
   18 mm Discrete HFET
TGF4118-EPU TRIQUINT-TGF4118-EPU Datasheet
152Kb / 9P
   18 mm Discrete HFET
More results

Similar Description - TGF4112

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4260 TRIQUINT-TGF4260_15 Datasheet
432Kb / 9P
   9.6 mm Discrete HFET
TGF4124 TRIQUINT-TGF4124 Datasheet
153Kb / 9P
   24 mm Discrete HFET
TGF4250 TRIQUINT-TGF4250 Datasheet
179Kb / 7P
   4.8 mm Discrete HFET
TGF4240 TRIQUINT-TGF4240_15 Datasheet
185Kb / 7P
   2.4 mm Discrete HFET
TGF4240-SCC TRIQUINT-TGF4240-SCC Datasheet
179Kb / 7P
   2.4 mm Discrete HFET
TGF4118 TRIQUINT-TGF4118 Datasheet
152Kb / 9P
   18 mm Discrete HFET
TGF4260-SCC TRIQUINT-TGF4260-SCC Datasheet
426Kb / 9P
   9.6 mm Discrete HFET
TGF4230-SCC TRIQUINT-TGF4230-SCC Datasheet
221Kb / 9P
   DC - 12 GHz Discrete HFET
TGF4230 TRIQUINT-TGF4230_15 Datasheet
226Kb / 9P
   DC - 12 GHz Discrete HFET
TGF4230 TRIQUINT-TGF4230 Datasheet
178Kb / 7P
   1.2mm Discrete HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com