Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32344D2121A520 Datasheet(PDF) 6 Page - EPCOS

Part # B32344D2121A520
Description  Film capacitors - Power Factor Correction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32344D2121A520 Datasheet(HTML) 6 Page - EPCOS

Back Button B32344D2121A520 Datasheet HTML 2Page - EPCOS B32344D2121A520 Datasheet HTML 3Page - EPCOS B32344D2121A520 Datasheet HTML 4Page - EPCOS B32344D2121A520 Datasheet HTML 5Page - EPCOS B32344D2121A520 Datasheet HTML 6Page - EPCOS B32344D2121A520 Datasheet HTML 7Page - EPCOS B32344D2121A520 Datasheet HTML 8Page - EPCOS B32344D2121A520 Datasheet HTML 9Page - EPCOS B32344D2121A520 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Film capacitors – Power Factor Correction
B32344D****A***
PhiCap capacitors
B32344D / MKPxxx-D
FK PC PM PFC
March 2009
Please read Cautions and warnings and
Page 6 of 16
Important notes at the end of this document
.
Three-phase capacitors – VR = 240 V AC, 50/60 Hz, delta connection
Product / Type
50 Hz
60 Hz
CR
Dimensions Weight
Quantity
Ordering code
Output
IR
Output
IR
d × h
per
kvar
A
kvar
A
μF
mm
kg
box
MKP240-D-2.1
B32344D2021A540
2.1
5.0
2.5
6.0
3 × 38.0
75 × 138
0.4
6
MKP240-D-2.5
B32344D2031A040
2.5
6.0
3.0
7.2
3 × 46.0
75 × 138
0.4
6
MKP240-D-4.2
B32344D2051A040
4.2
10.1
5.0
12.1
3 × 77.0
75 × 160
0.6
6
MKP240D-6.3
B32344D2071A540
6.3
15.0
7.5
18.0
3 × 115.0
75 × 198
0.6
6
MKP240-D-6.9
B32344D2081A340
6.9
16.6
8.3
19.9
3 × 127.0
85 × 198
1.5
4
MKP240-D-8.3
B32344D2101A040
8.3
20.1
10.0
24.1
3 × 154.0
85 × 198
0.9
4
MKP240-D-10.4
B32344D2121A540
10.4
25.1
12.5
30.1
3 × 192.0
85 × 273
1.2
4
MKP240-D-12.5
B32344D2151A040
12.5
30.0
15.0
36.0
3 × 230.0
85 × 273
1.2
4
MKP240-D-13.9
B32344D2161A740
13.9
33.4
1)
1)
3 × 256.0
85 × 348
1.2
4
1)
Product not applicable to 60 Hz, since the product’s rated current is exceeded.
Three-phase capacitors – VR = 380 V AC, 50/60 Hz, delta connection
Product / Type
50 Hz
60 Hz
CR
Dimensions Weight
Quantity
Ordering code
Output
IR
Output
IR
d × h
per
kvar
A
kvar
A
μF
mm
kg
box
MKP380-D-6.3
B32344D3071A580
6.3
9.5
7.5
11.4
3 × 46.0
75 × 160
0.5
6
MKP380-D-8.3
B32344D3101A080
8.3
12.6
10.0
15.1
3 × 61.0
75 × 160
0.5
6
MKP380-D-10.4
B32344D3121A580
10.4
15.9
12.5
19.1
3 × 77.0
75 × 198
0.6
6
MKP380-D-12.5
B32344D3151A080
12.5
19.0
15.0
22.8
3 × 92.0
85 × 198
0.8
4
MKP380-D-16.7
B32344D3201A080
16.7
25.4
20.0
30.5
3 × 123.0
85 × 273
1.2
4
MKP380-D-20.8
B32344D3251A080
20.8
31.6
25.0
38.0
3 × 153.0
85 × 273
1.2
4


Similar Part No. - B32344D2121A520

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32344D2121A520 EPCOS-B32344D2121A520 Datasheet
187Kb / 16P
   Film capacitors - Power Factor Correction
More results

Similar Description - B32344D2121A520

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com