Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF4118-EPU Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGF4118-EPU
Description  18 mm Discrete HFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF4118-EPU Datasheet(HTML) 9 Page - TriQuint Semiconductor

  TGF4118-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGF4118-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGF4118-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGF4118-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGF4118-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGF4118-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGF4118-EPU Datasheet HTML 7Page - TriQuint Semiconductor TGF4118-EPU Datasheet HTML 8Page - TriQuint Semiconductor TGF4118-EPU Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TriQuint Semiconductor Texas Phone: 972 994-8465
Fax 972 994-8504
Web: www.triquint.com
9
Application circuit for the TGF4118-EPU at 2.3 GHz
The FET is soldered using AuSn solder at 300 C for 30 secs. Input and Output matching networks are
0.381 mm ZrSn Tioxide substrates (Er = 38). The design load impedance is between 4
Ω and 5 Ω with
the 6 pF output capacitance of the FETincluded in the output network. For further explanation refer to
the application note “Designing High Efficiency Amplifiers using HFETs”
. The carrier plate is 0.51 mm
gold plated copper molybdenum. Gold wire (0.018 mm) is used for the bonds. Four gate bonds are
required with a length of 0.42 mm. Eight drain bonds are required with a length of 0.42 mm. Bondwire
end points on the FET are in the middle of the bond pads. Refer to the figures above for bondwire
locations. Connection between the 50 ohm line input to the input match is made by a parallel RC
network. R1 in this network is 10 ohms, and C1 is 5.6 pF. The components used are surface mount
0603 piece parts.


Similar Part No. - TGF4118-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4112 TRIQUINT-TGF4112 Datasheet
153Kb / 9P
   12 mm Discrete HFET
TGF4112-EPU TRIQUINT-TGF4112-EPU Datasheet
153Kb / 9P
   12 mm Discrete HFET
More results

Similar Description - TGF4118-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4260 TRIQUINT-TGF4260_15 Datasheet
432Kb / 9P
   9.6 mm Discrete HFET
TGF4124 TRIQUINT-TGF4124 Datasheet
153Kb / 9P
   24 mm Discrete HFET
TGF4250 TRIQUINT-TGF4250 Datasheet
179Kb / 7P
   4.8 mm Discrete HFET
TGF4240 TRIQUINT-TGF4240_15 Datasheet
185Kb / 7P
   2.4 mm Discrete HFET
TGF4240-SCC TRIQUINT-TGF4240-SCC Datasheet
179Kb / 7P
   2.4 mm Discrete HFET
TGF4112 TRIQUINT-TGF4112 Datasheet
153Kb / 9P
   12 mm Discrete HFET
TGF4260-SCC TRIQUINT-TGF4260-SCC Datasheet
426Kb / 9P
   9.6 mm Discrete HFET
TGF4230 TRIQUINT-TGF4230 Datasheet
178Kb / 7P
   1.2mm Discrete HFET
TGF4260 TRIQUINT-TGF4260 Datasheet
90Kb / 1P
   9.6mm Discrete HFET
TGF4240 TRIQUINT-TGF4240 Datasheet
94Kb / 1P
   2.4mm Discrete HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com