Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1608GA600 Datasheet(PDF) 2 Page - SAMWHA ELECTRIC

Part # CB1608GA600
Description  BEADS, For Signal Line
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1608GA600 Datasheet(HTML) 2 Page - SAMWHA ELECTRIC

  CB1608GA600 Datasheet HTML 1Page - SAMWHA ELECTRIC CB1608GA600 Datasheet HTML 2Page - SAMWHA ELECTRIC CB1608GA600 Datasheet HTML 3Page - SAMWHA ELECTRIC CB1608GA600 Datasheet HTML 4Page - SAMWHA ELECTRIC CB1608GA600 Datasheet HTML 5Page - SAMWHA ELECTRIC CB1608GA600 Datasheet HTML 6Page - SAMWHA ELECTRIC CB1608GA600 Datasheet HTML 7Page - SAMWHA ELECTRIC CB1608GA600 Datasheet HTML 8Page - SAMWHA ELECTRIC CB1608GA600 Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
v 1005 SIZE
http://www.samwha.com/chip
DPS-081104
This description in the this catalogue is subject to change without notice
100
250
0.95
1000
CB1005GK102
500
0.20
80
CB1005GK800
400
0.45
300
CB1005GK301
500
0.35
220
CB1005GK221
500
0.30
120
CB1005GK121
500
0.20
60
CB1005GK600
300
0.60
600
CB1005GK601
300
0.55
470
CB1005GK471
900
0.10
30
CB1005GK300
200
1.00
1000
CB1005GA102
300
0.60
600
CB1005GA601
300
0.45
300
CB1005GA301
300
0.35
220
CB1005GA221
500
0.25
120
CB1005GA121
500
0.20
60
CB1005GA600
900
0.10
30
CB1005GA300
1000
0.05
10
CB1005GA100
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
CHIP BEADS, For Signal Line


Similar Part No. - CB1608GA600

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CB1608PA100 SAMWHA-CB1608PA100 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA121 SAMWHA-CB1608PA121 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA181 SAMWHA-CB1608PA181 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA300 SAMWHA-CB1608PA300 Datasheet
514Kb / 13P
   BEADS, For Power Line
CB1608PA600 SAMWHA-CB1608PA600 Datasheet
514Kb / 13P
   BEADS, For Power Line
More results

Similar Description - CB1608GA600

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1608A182BTA00 TDK-MMZ1608A182BTA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com