Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF4230 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGF4230
Description  1.2mm Discrete HFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF4230 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGF4230 Datasheet HTML 1Page - TriQuint Semiconductor TGF4230 Datasheet HTML 2Page - TriQuint Semiconductor TGF4230 Datasheet HTML 3Page - TriQuint Semiconductor TGF4230 Datasheet HTML 4Page - TriQuint Semiconductor TGF4230 Datasheet HTML 5Page - TriQuint Semiconductor TGF4230 Datasheet HTML 6Page - TriQuint Semiconductor TGF4230 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TGF4230-EEU
Discr
4230
1.2mm
ete HFET
q 1200 µm X 0.5 µm HFET
q Nominal Pout of 28.5- dBm at 8.5-GHz
q Nominal Gain of 10.0-dB at 8.5-GHz
q Nominal PAE of 55% at 8.5-GHz
q Suitable for High-Reliability Applications
q 0,572 x 0,699 x 0,102 mm (0.023 x 0.028 x 0.004 in.)
The Triquint TGF4230 - EEU is a single gate 1.2 mm Discrete GaAs Heterostructure Field
Ef fect Transistor (HFET) designed for high- efficiency power applications up to 1 2- GHz in Class A and
Class AB operation.
Bond - pad and backside metalization is gold plated for compatibility with eutectic alloy attach methods
as well as thermocompression and thermosonic wire- bonding processes. The TGF4230-EEU is
readily assembled using automatic equipment.
PHOTO ENLARGEMENT
DESCRIPTION
T
R
I
Q
U
I
N
T
S
E
M
I
C
O N
D
U
C
T O
R ,
I
N
C .
TriQuint Semiconductor, Inc.
Texas Facilities
• (972) 995-8465
• www.triquint.com


Similar Part No. - TGF4230

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4230-SCC TRIQUINT-TGF4230-SCC Datasheet
221Kb / 9P
   DC - 12 GHz Discrete HFET
TGF4230-SCC TRIQUINT-TGF4230-SCC Datasheet
226Kb / 9P
   DC - 12 GHz Discrete HFET
TGF4230 TRIQUINT-TGF4230_15 Datasheet
226Kb / 9P
   DC - 12 GHz Discrete HFET
More results

Similar Description - TGF4230

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4260 TRIQUINT-TGF4260 Datasheet
90Kb / 1P
   9.6mm Discrete HFET
TGF4240 TRIQUINT-TGF4240 Datasheet
94Kb / 1P
   2.4mm Discrete HFET
TGF4260 TRIQUINT-TGF4260_15 Datasheet
432Kb / 9P
   9.6 mm Discrete HFET
TGF4124 TRIQUINT-TGF4124 Datasheet
153Kb / 9P
   24 mm Discrete HFET
TGF4250 TRIQUINT-TGF4250 Datasheet
179Kb / 7P
   4.8 mm Discrete HFET
TGF4240 TRIQUINT-TGF4240_15 Datasheet
185Kb / 7P
   2.4 mm Discrete HFET
TGF4240-SCC TRIQUINT-TGF4240-SCC Datasheet
179Kb / 7P
   2.4 mm Discrete HFET
TGF4118 TRIQUINT-TGF4118 Datasheet
152Kb / 9P
   18 mm Discrete HFET
TGF4112 TRIQUINT-TGF4112 Datasheet
153Kb / 9P
   12 mm Discrete HFET
TGF4260-SCC TRIQUINT-TGF4260-SCC Datasheet
426Kb / 9P
   9.6 mm Discrete HFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com