Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF4230 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGF4230
Description  1.2mm Discrete HFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF4230 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGF4230 Datasheet HTML 1Page - TriQuint Semiconductor TGF4230 Datasheet HTML 2Page - TriQuint Semiconductor TGF4230 Datasheet HTML 3Page - TriQuint Semiconductor TGF4230 Datasheet HTML 4Page - TriQuint Semiconductor TGF4230 Datasheet HTML 5Page - TriQuint Semiconductor TGF4230 Datasheet HTML 6Page - TriQuint Semiconductor TGF4230 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TGF4230-EEU
3
GAIN VS.
INPUT POWER
7
8
9
10
11
12
4
6
8
10
12
14
16
18
20
22
Input Power (dBm)
F
=8.5GHz
V
D =8.0V
I
Q =50mA*
T
A =25°C
DRAIN CURRENT
VS. INPUT POWER
40
60
80
100
120
140
160
180
4
6
8
1012
141618
2022
Input Power (dBm)
F
=8.5GHz
V
D =8.0V
I
Q =50mA*
T
A =25°C
ABSOLUTE
MAXIMUM RATINGS
Drain - to- source V oltage, V
DS
. ................................................................................................................ 12 V
Gate - to- source V oltage, V
GS
......................................................................................................
- 5 V to 0 V
Mounting temperatur e (30 sec), T
M
..................................................................................................
320 C
Storage temperature range, T
STG
............................................................ ................................ - 65 to 200 C
Power dissipation, P
D ..................................................................................
(see thermal data on next page)
Operating channel temperatur e, T
CH ..............................................................
(see thermal data on next page)
Ratings over base-plate temperature range T
BP (unless otherwise noted)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated “RF and DC Characteristics” is not implied. Exposure to absolute maximum rated conditions for
extended periods of time may affect device reliability.
TriQuint Semiconductor, Inc.
Texas Facilities
• (972) 995-8465
• www.triquint.com


Similar Part No. - TGF4230

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4230-SCC TRIQUINT-TGF4230-SCC Datasheet
221Kb / 9P
   DC - 12 GHz Discrete HFET
TGF4230-SCC TRIQUINT-TGF4230-SCC Datasheet
226Kb / 9P
   DC - 12 GHz Discrete HFET
TGF4230 TRIQUINT-TGF4230_15 Datasheet
226Kb / 9P
   DC - 12 GHz Discrete HFET
More results

Similar Description - TGF4230

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4260 TRIQUINT-TGF4260 Datasheet
90Kb / 1P
   9.6mm Discrete HFET
TGF4240 TRIQUINT-TGF4240 Datasheet
94Kb / 1P
   2.4mm Discrete HFET
TGF4260 TRIQUINT-TGF4260_15 Datasheet
432Kb / 9P
   9.6 mm Discrete HFET
TGF4124 TRIQUINT-TGF4124 Datasheet
153Kb / 9P
   24 mm Discrete HFET
TGF4250 TRIQUINT-TGF4250 Datasheet
179Kb / 7P
   4.8 mm Discrete HFET
TGF4240 TRIQUINT-TGF4240_15 Datasheet
185Kb / 7P
   2.4 mm Discrete HFET
TGF4240-SCC TRIQUINT-TGF4240-SCC Datasheet
179Kb / 7P
   2.4 mm Discrete HFET
TGF4118 TRIQUINT-TGF4118 Datasheet
152Kb / 9P
   18 mm Discrete HFET
TGF4112 TRIQUINT-TGF4112 Datasheet
153Kb / 9P
   12 mm Discrete HFET
TGF4260-SCC TRIQUINT-TGF4260-SCC Datasheet
426Kb / 9P
   9.6 mm Discrete HFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com