Electronic Components Datasheet Search |
|
B32344D6051A060 Datasheet(PDF) 4 Page - EPCOS |
|
B32344D6051A060 Datasheet(HTML) 4 Page - EPCOS |
4 / 16 page Film capacitors – Power Factor Correction B32344D****A*** PhiCap capacitors B32344D / MKPxxx-D FK PC PM PFC March 2009 Please read Cautions and warnings and Page 4 of 16 Important notes at the end of this document . Design data Dimensions (d × l) According to specification table Weight approx. According to specification table Filling Biodegradable soft resin Fixing Threaded bolt M12 Max. torque (Al can stud) 10 Nm Mounting position Upright. See “Installation and maintenance instructions for PFC capacitors” for further details. Terminals Degree of protection IP20; optional IP54 with plastic terminal cap Max. torque 10 Nm Terminal cross section 16 mm2 Maximum terminal current 60 A (continuous) Creepage distance 12.7 mm Clearance 9.6 mm (to UL 810) Safety Mechanical safety Tear off fuses, overpressure disconnector Max. short circuit current (AFC: 10 kA) (to UL 810) Discharge resistor time ≤ 1 min (75 V) , IEC 60831 specifies 3 min. Reference standards IEC 60831–1/2. UL 810-5th edition Ceramic discharge resistor, pre-mounted |
Similar Part No. - B32344D6051A060 |
|
Similar Description - B32344D6051A060 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |