Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125XR2282090 Datasheet(PDF) 1 Page - ETRI

Part # 125XR2282090
Description  AC Axial Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

125XR2282090 Datasheet(HTML) 1 Page - ETRI

  125XR2282090 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETRI
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trade mark of ECOFIT, group
ETRI
4.69" x 1.50" [ 120x120x38 mm ]
Series
125
AC Axial Fans
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N°2/01-Rev.1
R
Life expectancy
L-10 LIFE AT 40°C:
50 000 hours (Sleeve bearings)
80 000 hours (Ball bearings)
Additional versions: Dual volatage 115V-230V
Accessories:
Shock & vibration protected - salt spray protected -
Wide temperature range - sleeve bearings - marine specifications
- Speed nuts P/N : Speed nuts 6.32
- Metal mesh filter P/N : 120-G
- Plastic filter P/N : F120/T102 and 120V
- Metal filters: 96-152 and 96-302
- Plastic finger guards P/N : PFG-120 & 121-53 - Metal finger guard P/N : 9601-43
Approvals
GAM T1 listed
Airflow
0,0
0,5
1,0
1,5
2,0
2,5
0
5
10
15
20
25
30 [l/s]
[mmH2O]
0,00
0,02
0,04
0,06
0,08
0,10
0
10203040
5060 [CFM]
[In.H2O]
0
2
4
6
8
10
12
0
1020
30405060 [l/s]
[mmH2O]
0,0
0,1
0,2
0,3
0,4
0
20
40
60
80
100
120 [CFM]
[In.H2O]
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
45 [l/s]
[mmH2O]
0,00
0,05
0,10
0,15
0,20
0
20
406080
[CFM]
[In.H2O]
125XL
50 Hz
60 Hz
125LG
50 Hz
60 Hz
125XR
50 Hz
60 Hz
AC Motor
Electrical protection: impedance protected
Housing material: zamak
Impeller material: plastic UL 94 VO
Weight: 0,725 kg
Available with:
- flying leads
- speed sensor
* 125LG & 125XL also available with sleeve bearings: P/N: 125LG2282010 (115V); 125LG2281090 (208-240V); 125XL2282030 (115V); 125XL2281030 (208-240V)
0.36
9.35
0.36
9.35
V
l/s
dB(A)
RPM
Hz
µF
W
mA
mA
Ball
Sleeve
Leads Terminals Min.
°C Max. °C
125XL0282010
115
25
30
1600
50
1
12
135
145
X
X
- 10
70
27
32
1750
60
1
10
115
125
X
X
- 10
70
125XL0281010
208-240
25
30
1600
50
1
12
75
90
X
X
- 10
70
27
32
1750
60
1
10
65
75
X
X
- 10
70
125LG0282010
115
35
38
2200
50
1
16
200
260
X
X
- 10
70
40
40,5
2500
60
1
13
160
220
X
X
- 10
70
125LG0281010 208-240
35
38
2200
50
1
18
110
140
X
X
- 10
70
40
40,5
2500
60
1
15
90
120
X
X
- 10
70
125XR0282090
115
44
44
2800
50
1
16
200
310
X
X
- 10
70
53
48
3200
60
1
15
180
260
X
X
- 10
70
125XR2282090
115
44
43
2750
50
1
16
200
310
X
X
- 10
55
51,5
47,5
3250
60
1
15
180
260
X
X
- 10
55
125XR0281090 208-240
44
44
2800
50
1
18
125
170
X
X
- 10
70
53
48
3200
60
1
15
105
150
X
X
- 10
70
125XR2281090 208-240
44
43
2750
50
1
18
125
170
X
X
- 10
55
51,5
47,5
3250
60
1
15
105
150
X
X
- 10
55
Part number
Nominal
voltage
Airflow
Noise
level
Nominal
speed
Frequency Phases Capacitor
Input
power
Nominal
current
Starting
current
Bearing
system
Connection
type
Operating
temperature


Similar Part No. - 125XR2282090

ManufacturerPart #DatasheetDescription
logo
ETRI
125XR0181000 ETRI-125XR0181000 Datasheet
216Kb / 1P
   AC Axial Fans
125XR0181001 ETRI-125XR0181001 Datasheet
185Kb / 1P
   AC Axial Fans
125XR0182000 ETRI-125XR0182000 Datasheet
216Kb / 1P
   AC Axial Fans
125XR0182001 ETRI-125XR0182001 Datasheet
185Kb / 1P
   AC Axial Fans
125XR0281090 ETRI-125XR0281090 Datasheet
258Kb / 1P
   AC Axial Fans
More results

Similar Description - 125XR2282090

ManufacturerPart #DatasheetDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com