Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFI06B1H682M Datasheet(PDF) 3 Page - SAMWHA ELECTRIC

Part # CFI06B1H682M
Description  LC Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CFI06B1H682M Datasheet(HTML) 3 Page - SAMWHA ELECTRIC

  CFI06B1H682M Datasheet HTML 1Page - SAMWHA ELECTRIC CFI06B1H682M Datasheet HTML 2Page - SAMWHA ELECTRIC CFI06B1H682M Datasheet HTML 3Page - SAMWHA ELECTRIC CFI06B1H682M Datasheet HTML 4Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMI Suppression Filter
99
SAMWHA CAPACITOR Co., Ltd.
98
Leaded Type
Leaded Pitch
A : Axial Leaded
R : Radial Leaded
0 : Straight
2 : 5mm Pitch
Packing Style
Code
Packing
Code
Packing
B
Bulk Packing
F
Taping Type Flat Pack(Radial)
S
Taping Type Flat Pack(Axial 26mm)
L
Taping Type Flat Pack(Axial 52mm)
Spec
|z|(Ω)
DC Resistance
Insulation
Allowable DC Current
Min.
Typical
(mΩ)
(At DC 100V, MΩ)
(A Max.)
BFD 2070 R2
120
150
10
1
3
BFS 2550 A0
50
65
10
1
3
BFS 2550 R2
50
65
10
1
3
BFD 2550 R2
100
130
10
1
3
BFS 3550 A0
65
70
10
1
6
BFS 3550 R2
65
70
10
1
6
BFD 3550 R2
130
140
10
1
6
BFS 3557 A0
31.5
45
10
1
6
BFS 3560 A0
31.5
45
10
1
6
BFS 3565 A0
80
100
10
1
6
BFS 3565 R2
80
100
10
1
6
BFD 3565 R2
160
200
10
1
6
BFS 3580 A0
103
120
10
1
6
BFS 3580 R2
103
120
10
1
6
BFD 3580 R2
206
240
10
1
6
BFS 3510 A0
120
150
10
1
6
BFS 3510 R2
120
150
10
1
6
BFD 3510 R2
240
300
10
1
6
BFS 3512 A0
148
180
10
1
6
BFS 3512 R2
148
180
10
1
6
BFD 3512 R2
296
360
10
1
6
BFS 3514 A0
170
210
10
1
6
BFS 3514 R2
170
210
10
1
6
BFD 3514 R2
340
420
10
1
6
BFW 7555 R2
90
120
10
1
6
BFR601009C8ND
280
350
50
1
6
BFR601009C8NE
360
450
50
1
6
BFR601009C8NF
440
550
50
1
6
BFR601009C8NG
520
650
50
1
6
Specifications
Testing frequency : at 100M㎐.an exception SPEC : BFS 3557 A0. BFS 3560 A0 at 10M㎐
Electrical Characteristics Test Method
1. Impedance(|Z|)
Refer to article |Z|-f Characteristics(Measurement : Impedance Analyzer)
2. Insulation Resistance Test
Insulation resistance test between core and wire shall be measured H.P 4339B Insulation
Resistance Meter Insulation Resistance : 1MΩ, Min.↑(At DC 100V, 60Sec)
|Z|-f Characteristics
BEAD Filter


Similar Part No. - CFI06B1H682M

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
CFIII APACER-CFIII Datasheet
2Mb / 4P
   The Industrial CFIII cards
logo
Alpha Wire
CFITCRIMPV4 ALPHAWIRE-CFITCRIMPV4 Datasheet
43Kb / 2P
   CUSTOMER SPECIFICATION
11/28/2008
More results

Similar Description - CFI06B1H682M

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDL2110 SHOULDER-HDL2110 Datasheet
208Kb / 7P
   LC FILTER
HDL2170 SHOULDER-HDL2170 Datasheet
126Kb / 5P
   LC FILTER
HDL2010 SHOULDER-HDL2010 Datasheet
251Kb / 8P
   LC FILTER
HDL2140 SHOULDER-HDL2140 Datasheet
125Kb / 4P
   LC FILTER
HDL2130 SHOULDER-HDL2130 Datasheet
125Kb / 4P
   LC FILTER
HDL2120 SHOULDER-HDL2120 Datasheet
216Kb / 7P
   LC FILTER
logo
Integrated Technology F...
IFL00736 ITF-IFL00736 Datasheet
138Kb / 4P
   LC bandpass filter
IFL01187 ITF-IFL01187 Datasheet
119Kb / 3P
   LC bandpass filter
logo
MTRONPTI
SA0033 MTRONPTI-SA0033 Datasheet
136Kb / 1P
   Diplexer LC Filter
LF9141R MTRONPTI-LF9141R Datasheet
166Kb / 1P
   Bandpass LC Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com