Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVC271D-07A Datasheet(PDF) 1 Page - SAMWHA ELECTRIC

Part # SVC271D-07A
Description  SVC Varistors Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SVC271D-07A Datasheet(HTML) 1 Page - SAMWHA ELECTRIC

  SVC271D-07A Datasheet HTML 1Page - SAMWHA ELECTRIC SVC271D-07A Datasheet HTML 2Page - SAMWHA ELECTRIC SVC271D-07A Datasheet HTML 3Page - SAMWHA ELECTRIC SVC271D-07A Datasheet HTML 4Page - SAMWHA ELECTRIC SVC271D-07A Datasheet HTML 5Page - SAMWHA ELECTRIC SVC271D-07A Datasheet HTML 6Page - SAMWHA ELECTRIC SVC271D-07A Datasheet HTML 7Page - SAMWHA ELECTRIC SVC271D-07A Datasheet HTML 8Page - SAMWHA ELECTRIC SVC271D-07A Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DISC Ceramic Capacitors
115
SAMWHA CAPACITOR Co., Ltd.
114
Introduction
SVC series Varistors are gapless ceramic surge absorbers of a new type made of metal oxide which is
designed to protect various kinds of electronic devices and semiconducting elements from surges.
Features
High discharge current capability up to 4000 Amps.
Excellent clamping characteristics.
Fast response time under 50 nanesesconds.
Improve Product safety
UL, CSA, VDE recognized
SVC Varistors Type
SVC 471 D-14A FF 7
How to Order
Basic Type
ZnO Varistor
Chip Element Size(Dia)
05 : Ø5mm, 07 : Ø7mm,
10 : Ø10mm, 14 : Ø14mm,
20 :Ø20mm
Varistor Nominal Voltage
(The first two digit indicate significaticant digits)
(The 3rd digit indicate the number of zeros
following)
Classification
A : High Voltage(82V and above)
B : Low Voltage(less then 68V)
Taping Type
Bulk Type
Code
Lead Spacing(mm)
Pitch of Component(mm)
Code
Lead Spacing(mm)
5
5.0
12.7
5
5.0
7
7.5
15.0
7
7.5
8
7.5
30.0
1
10.0
9
7.5
25.4
1
10.0
30.0
Packing Style
Lead Variation
Packing Style
Lead Variation
S
Straight Long Type
W
Kink Short Type
B
Bulk
K
Kink Long Type
L
Kink Short Type
N
Straight Short Type
S
Straight Type
F
Taping Type Flat Pack
K
In-Kink Type
F
Out-Kink Type
Style
D : Disk Type Varistor
Packing Style &
Lead Variation
Lead Spacing &
Pitch of Component
SVC Characteristic Curves
V - Ⅰ Curve
Small - current region of V -Ⅰcurve
Temporary power frequency over voltage capability
B Type
Withstand discharge impulse current
characteristics(Typical)
A Type
Withstand discharge impulse
current characteristics(Typical)
Suffix Code
SVC Varistors Type


Similar Part No. - SVC271D-07A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC271D-07A ETC1-SVC271D-07A Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC271D-07A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SV02YS SANKEN-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV04 ETC-SV04 Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Sanken electric
SV-2SS SANKEN-SV-2SS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
VR-60SS SANKEN-VR-60SS Datasheet
14Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV02YS ETC-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com