Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

154DG081000 Datasheet(PDF) 1 Page - ETRI

Part # 154DG081000
Description  AC Axial Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

154DG081000 Datasheet(HTML) 1 Page - ETRI

  154DG081000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC Axial Fans
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008
L-10 LIFE AT 40°C:
80 000 hours
Life expectancy
Approvals
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Part Number
Nominal
voltage
Airflow
Nominal
speed
Noise
level
Input
Power
Nominal
current
Operating
temperature
154DG0282000
115
49
29,5
1400
50
1
11
100
140
X
-10
70
59
35
1700
60
1
11
90
140
-10
70
154DG081000
208-240
49
29,5
1400
50
1
13
60
80
-10
70
59
35
1700
60
1
14
60
80
-10
70
154DE0282000
115
87
47
2500
50
1
11
105
140
-10
70
81
45
2300
60
1
15
130
150
-10
70
154DE0281000
208-240
87
47
2500
50
1
12
60
75
-10
70
81
45
2300
60
1
16
75
80
-10
70
154DA0282000
115
100
50,5
2850
50
1
30
310
610
-10
70
120
55,5
3400
60
1
29
260
590
-10
70
154DA0281000
208-240
100
50,5
2850
50
1
33
200
390
-10
55
120
55,5
3400
60
1
30
160
370
-10
55
X
X
X
X
X
X
X
X
X
X
X
V
l/s
dB(A)
RPM
Hz
F
W
mA
mA
µ
Leads Terminals Min.°C Max.°C
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
Frequency
Connection
type
Starting
current
Capacitor
Phases
Additional versions:
Salt spray protected - shock and vibration protected - marine
specifications - wide temperature range
IP54: consult factory
Accessories:
Refer to Accessories leaflet
154DG
154DE
154DA
R
R
RoHS
AC Motor
Electrical protection: thermally protected
Housing material: aluminium
Impeller material: plastic UL 94 VO
Weight: 880 g
Bearing system: ball bearings
Available with:
- Flying leads
- Speed sensor
Ø172x50mm
154D
Series
Ø 6,77’’ x 1,968’’


Similar Part No. - 154DG081000

ManufacturerPart #DatasheetDescription
logo
ETRI
154DG0281030 ETRI-154DG0281030 Datasheet
170Kb / 1P
   AC Axial Fans
154DG0282030 ETRI-154DG0282030 Datasheet
170Kb / 1P
   AC Axial Fans
More results

Similar Description - 154DG081000

ManufacturerPart #DatasheetDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com