Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

171DH2LP31000 Datasheet(PDF) 1 Page - ETRI

Part # 171DH2LP31000
Description  DC Axial Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

171DH2LP31000 Datasheet(HTML) 1 Page - ETRI

  171DH2LP31000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
62x62x15 mm [ 2.44 x 0.59" ]
Series
171D
DC Axial Fans
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N°2/01-Rev.1
R
Accessories:
- Plastic finger guard P/N : PFG-60
- Plastic filter P/N : F60/T102
- Metal mesh filter P/N : 60-G
- Metal finger guard P/N : 60-43
- Rubber mounts P/N : AM-10
Brushless DC Motor
Electrical protection: integrated circuit
Housing material: plastic UL 94 VO
Impeller material: plastic UL 94 VO
Weight: 42 g
V
l/s
dB(A)
RPM
W
V
Ball
Sleeve
Leads Terminals
Min. °C
Max. °C
171DM5LP31000
5
3,4
28
2300
0,8
(4,5-5,5)
X
X
- 5
60
171DH1LP31000
12
5,9
30
3800
2,4
(10,2-13,8)
X
X
- 10
60
171DH2LP31000
24
5,9
30
3800
2,4
(20,4-27,6)
X
X
- 10
60
Part number
Nominal
voltage
Airflow
Noise
level
Nominal
speed
Input
power
Voltage range
Bearing system
Connection type Operating temperature
171DH
171DM
Approvals
Life expectancy
L-10 LIFE AT 40°C:
50 000 hours
AIRFLOW: I/s
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
01
234
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
02
468
ETRI Http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trade mark of ECOFIT,
171D series are not available anymore.
Please consult factory:
Tel.: +33 (0)2 54 23 14 54
Sales department: info@etrinet.com


Similar Part No. - 171DH2LP31000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Intronics Power, Inc.
171 INTRONICS-171 Datasheet
805Kb / 4P
   High Voltage Differential FET Amplifier
logo
List of Unclassifed Man...
171 ETC2-171 Datasheet
115Kb / 2P
   RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Aries Electronics, Inc.
171 ARIES-171 Datasheet
659Kb / 2P
   Combination of Thin, Flexible
logo
Glenair, Inc.
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
More results

Similar Description - 171DH2LP31000

ManufacturerPart #DatasheetDescription
logo
ETRI
246DL5LP11000 ETRI-246DL5LP11000_16 Datasheet
178Kb / 1P
   DC Axial Fans
338DX1LP11000 ETRI-338DX1LP11000_16 Datasheet
271Kb / 1P
   DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000_16 Datasheet
302Kb / 1P
   DC Axial Fans
380DL5LP11000 ETRI-380DL5LP11000_16 Datasheet
191Kb / 1P
   DC Axial Fans
125DH9LP11241 ETRI-125DH9LP11241_11 Datasheet
252Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000_16 Datasheet
184Kb / 1P
   DC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
   DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
   DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
   DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
   DC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com