Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL8784-SCC Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGL8784-SCC
Description  Analog Attenuator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL8784-SCC Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGL8784-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGL8784-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGL8784-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGL8784-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGL8784-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGL8784-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGL8784-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGL8784-SCC Datasheet HTML 8Page - TriQuint Semiconductor TGL8784-SCC Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TGL8784-SCC
2
TYPICAL
ATTENUATION
VS CONTROL VOLTAGE
+V
C
0
2
4
6
8
10
12
14
16
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
TYPICAL
INSERTION LOSS
VS TEMPERATURE
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
TYPICAL
INPUT POWER AT
1 dB ATTENUATION
CHANGE VS +V
C
P1dB
0
5
10
15
20
25
30
0.00
1.00
1.25
1.50
1.75
2.00
2.50
+VC Control Voltage (Volts)
+V
CC = +2.5V
T
A = 25°C
Attenuation
Control Voltage
+V
C:
+V
CC = +2.5V
+V
C = 0V
Base Plate
Temperature:
+V
CC = +2.5V
T
A = 25°C
0.00 V
0.75 V
1.00 V
1.25 V
1.50 V
1.75 V
2.00 V
2.50 V
-55
°C
-25
°C
0
°C
+25
°C
+55
°C
+125
°C
2 GHz
10 GHz
18 GHz
Recommended Maximum P
IN is 24dBm.
P1dB data taken at control voltages (+V
C) listed at major division points on graph only .
TriQuint Semiconductor, Inc.
Texas Facilities
• (972) 995-8465
• www.triquint.com


Similar Part No. - TGL8784-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL8784-SCC TRIQUINT-TGL8784-SCC Datasheet
478Kb / 14P
   2 - 20 GHz Analog Attenuator
TGL8784-SCC TRIQUINT-TGL8784-SCC_15 Datasheet
478Kb / 14P
   2 - 20 GHz Analog Attenuator
More results

Similar Description - TGL8784-SCC

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50AP-002 JFW-50AP-002 Datasheet
26Kb / 1P
   ANALOG ATTENUATOR
75AP-001 JFW-75AP-001 Datasheet
26Kb / 1P
   ANALOG ATTENUATOR
50AP-077 JFW-50AP-077 Datasheet
26Kb / 1P
   ANALOG ATTENUATOR
50AP-002 JFW-50AP-002_18 Datasheet
26Kb / 1P
   ANALOG ATTENUATOR
50AP-077 JFW-50AP-077_18 Datasheet
67Kb / 1P
   ANALOG ATTENUATOR
logo
TriQuint Semiconductor
TGL4203-EPU TRIQUINT-TGL4203-EPU Datasheet
361Kb / 10P
   50 GHz Wideband Analog Attenuator
TGL8784-SCC TRIQUINT-TGL8784-SCC_15 Datasheet
478Kb / 14P
   2 - 20 GHz Analog Attenuator
TGL4203 TRIQUINT-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
Qorvo, Inc
TGL4203 QORVO-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
NEC
UPC1406HA NEC-UPC1406HA Datasheet
341Kb / 7P
   DUAL ATTENUATOR(BIPOLAR ANALOG INTERGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com