Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACP-1000MB Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ACP-1000MB
Description  1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-1000MB Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ACP-1000MB Datasheet HTML 1Page - Advantech Co., Ltd. ACP-1000MB Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
Accessories
Part Number
Description
1750000242
Low profile P4 Socket 478 CPU cooler up to 2.5 GHz
(0.13 micron)
1750000432
Low profile P4 Socket 478 CPU cooler up to 2.8 GHz
(0.13 micron 70 W)
19991K0000
Filter 166 x 32 x 5 mm
96FDD-144-TE-B1
Black 3.5" FDD
96SCD-24X-I-OD-B
Black slim 24X CD-ROM
96SCOM-24X8X-TE-B1
Black slim 24X/8X/24X DVDRW-ROM
Riser Card Options
Part Number
Interface
Expansion Slot
Supported Motherboard
AIMB-R4104-01A1E
PCIe x4
One PCIe x4
AIMB-554/556
AIMB-RP10P-01A1E
PCI
One PCI
AIMB-740/742/744/750
Power Supply Options
Part Number
Specifications
Watt
Input
Output
Mini-load
Safety
MTBF
ACP-1000
1757920000G (ATX, PFC)
200 W
AC 100 ~ 240 V (full-range)
+5 V @ 16 A, +3.3 V @ 14 A
+12 V @ 9 A, -12 V @ 0.7 A
-5 V @ 0.2 A, +5 Vsb @ 1.5 A
+5 V @ 2 A, +12 V @ 1 A
-5 V @ 0.1 A, -12 V @ 0.1 A
+5 Vsb @ 0.1 A
UL/TUV/CB/CCC
84,000 hours @ 25° C
1757918000G (ATX)
180 W
DC - 40 ~ 56 V
+5 V @ 20 A, +3.3 V @ 12 A
+12 V @ 7 A, -12 V @ 1 A
-5 V @ 0.5 A, +5 Vsb @ 1.5 A
+5 V @ 2 A, +12 V @ 1 A
-5 V @ 0.1 A, -12 V @ 0.1 A
+3.3 V @ 1 A, +5Vsb @ 0.1 A
UL/TUV/CB/CCC
100,000 hours @ 25° C
ACP-1000MB
1757000005G (ATX, PFC)
200 W
AC 100 ~ 240 V (full-range)
+5 V @ 16 A, +3.3 V @ 14 A
+12 V @ 9 A, -12 V @ 0.7 A
-5 V @ 0.2 A, +5 Vsb @ 1.5 A
+5 V @ 2 A, +12 V @ 1 A
-5 V @ 0.1 A,-12 V @ 0.1 A
+5 Vsb @ 0.1 A
UL/TUV/CB/CCC
84,000 hours @ 25° C
ACP-1000/1000MB
Rear 10-CFM cooling fan
ACP-1000
ACP-1000MB
Rear View of ACP-1000
Rear View of ACP-1000MB
Ordering Information
Part Number
Power Supply
Backplane / Motherboard
Regulation
ACP-1000BP-00XE
-
-
-
ACP-1000BP-20ZE
1757920000G
-
CE
ACP-1000MB0-20ZE
1757000005G
-
CE
* ACP-1000MB does not support for AIMB-763. 542, 562, 564 models due to the height of the audio
connector is over 1U.
510.0 [20.1]
42.8 [1.7]
31.8 [1.3]
497.0 [19.6]
46.3 [1.8] 50.7 [2.0]
19.3 [0.8] 32.0 [1.3]
19.3 [0.8]
21.5 [0.8]
23.2 [0.9]
68.7 [2.7] 59.1 [2.3]
33.0 [1.3]
63.0 [2.5] 49.0 [1.9]
63.0 [2.5]
64.0 [2.5]
459.9 [18.1]
447.0 [17.6]
31.8 [1.3]
42.8 [1.7]
49.0 [1.9]
33.0 [1.3]
59.1 [2.3]
68.9 [2.7]
32.0 [1.3]
19.3 [0.8]


Similar Part No. - ACP-1000MB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1010BP ADVANTECH-ACP-1010BP Datasheet
561Kb / 2P
   Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
20-Aug-2009
ACP-1010BP-00BE ADVANTECH-ACP-1010BP-00BE Datasheet
1Mb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
ACP-1010BP-00BE ADVANTECH-ACP-1010BP-00BE Datasheet
869Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1010BP-00XE ADVANTECH-ACP-1010BP-00XE Datasheet
561Kb / 2P
   Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
20-Aug-2009
More results

Similar Description - ACP-1000MB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-1010BP ADVANTECH-ACP-1010BP Datasheet
561Kb / 2P
   Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
20-Aug-2009
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-2010 ADVANTECH-ACP-2010 Datasheet
785Kb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM Datasheet
231Kb / 2P
   1U Rackmount Chassis for ATX Motherboard
AX61132TM AXIOMTEK-AX61132TM_16 Datasheet
304Kb / 2P
   1U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
ACP-2010MB ADVANTECH-ACP-2010MB_13 Datasheet
541Kb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard
ACP-1010 ADVANTECH-ACP-1010_14 Datasheet
1Mb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
ACP-1010 ADVANTECH-ACP-1010_12 Datasheet
2Mb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
ACP-1320 ADVANTECH-ACP-1320_12 Datasheet
2Mb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com