Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1750000432 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 1750000432
Description  CPU Coolers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1750000432 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  1750000432 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All product specifications are subject to change without notice
Last updated : 1-Mar-2007
CPU Coolers
Model Names
Special CPU Cooler
Pentium 4 LGA775
Pentium 4 Socket 478
1750000400
1750000282
1750000332
1750000334
1750000242
Minimum Chassis
Height
2U
2U
2U
4U
1U
CPU Package
Only for PCE-5120
Only for PCE-7210
Intel Pentium 4
LGA775
Intel Pentium 4
LGA775
Intel Pentium 4
Socket 478
CPU Speed
up to 3.4 GHz
(90 nm, 110 W, L2: 1 MB)
up to 3.8 GHz
(90 nm, 115 W, L2: 1 MB)
up to 3.8 GHz
(90 nm, 115 W, L2: 1 MB)
up to 3.8 GHz
(90 nm, 115 W, L2: 1 MB)
up to 2.5 GHz
(0.13 micron, 61 W,
L2: 512 KB)
Heat Sink Material
Copper
Copper
Copper
Aluminum fins & copper
heart
Copper
Fan Speed
5,400 +- 10% RPM
6,800 +- 10% RPM
5,300 +- 10% RPM
4,500 +- 10% RPM
3,800 +- 10% RPM
Weight
672 g
624 g
560 g
550 g
335 g
Dimension
89 x 74 x 51 mm
82 x 58 x 65.5 mm
80 x 80 x 55 mm
110 x 110 x 67 mm
88.5 x 62 x 29.9 mm
Model Names
Pentium 4 Socket 478
Pentium III
Intel MMX
1750000432
1750000257
1759254100
1759200100
1759212600
Minimum Chassis
Height
1U
2U
1U
1U
2U
CPU Package
Intel Pentium 4
Socket 478
Intel Pentium 4
Socket 478
Intel Pentium III
FC-PGA II
Intel MMX
Intel MMX
CPU Speed
up to 2.8 GHz
(0.13 micron, 70 W,
L2: 512 KB)
up to 3.2 GHz
(90 nm, 89 W, L2: 1 MB)
up to 1.26 GHz
(Tualatin)
-
-
Heat Sink Material
Copper
Copper
Aluminum
Aluminum
Aluminum
Fan Speed
4,800 +- 10% RPM
4,500 +- 10% RPM
4,700 +- 10% RPM
5,000 +- 10% RPM
5,000 +- 10% RPM
Weight
478 g
565 g
101 g
77 g
77 g
Dimension
93 x 77 x 27 mm
83 x 69 x 55.5 mm
59 x 57x 28 mm
52 x 52x 29 mm
52 x 52x 42 mm


Similar Part No. - 1750000432

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1750000400 ADVANTECH-1750000400 Datasheet
1Mb / 2P
   Intel LGA1155/1156
More results

Similar Description - 1750000432

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI1064 ETC2-MI1064 Datasheet
46Kb / 2P
   Thermo-electric Coolers
logo
Hamamatsu Corporation
C4877 HAMAMATSU-C4877 Datasheet
244Kb / 4P
   High Performance Thermoelectric Coolers
C10372 HAMAMATSU-C10372 Datasheet
160Kb / 2P
   HIGH PERFORMANCE THERMOELECTRIC COOLERS
logo
List of Unclassifed Man...
HY-5610 ETC1-HY-5610 Datasheet
89Kb / 4P
   SUBMINIATURE CONTROLLER FOR THERMOELECTRIC COOLERS
FB800ED-MICOM ETC-FB800ED-MICOM Datasheet
63Kb / 1P
   CPU
FBDX5XMC ETC-FBDX5XMC Datasheet
32Kb / 1P
   CPU
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Zilog, Inc.
216CO1 ZILOG-216CO1 Datasheet
1Mb / 14P
   CPU CENTRALPROCESSINGUNIT
logo
Intersil Corporation
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com