Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC-602P3-00XBE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-602P3-00XBE
Description  2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-602P3-00XBE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-602P3-00XBE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-602P3-00XBE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
ACP-2000/
IPC-602
2U 6-Slot Rackmount Chassis
with Front USB and PS/2 Interfaces
Two 40-CFM
cooling fans
One 5.25" drive bay
One 3.5" drive bay
USB and
PS/2
connectors
4-slot PCI backplane
(3-slot PCI backplane
is also available)
Specifications
Drive Bay
Front-accessible
Internal
Slim Optical Disk Drive
1/-
3.5"
2/1
-/1
5.25"
-/1
-
Cooling
Fan
2 (47 CFM each)/2 (40 CFM each)
Air Filter
Yes
Front I/O Interface
USB
2
PS/2
1
Miscellaneous
Notification LEDs
Power & HDD activity; Fan & Temperature for ACP-2000 only
Rear Panel
Reserved one 9-pin D-Sub opening
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85 % @ 40° C, non-condensing
10 ~ 95 % @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
0.5 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
482 x 88 x 450 mm (19" x 3.5" x 17.7")
Weight
11.5 kg (25.3 lb)/11.3 kg (24.9 lb)
Butterfly backplane
design
2U-high rackmount chassis supports up to 6 cards
Butterfly backplane design
Front-accessible USB and PS/2 connectors
250 W / 300 W AC ATX and DC power supply options
Two 40-CFM cooling fans with air filter
Recommended CPU cards for optimum integration
Lockable front door prevents unauthorized access
System alarm notification by front LED indicators (ACP-2000 only)
ACP-2000
Front View of IPC-602
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - IPC-602P3-00XBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-602P3-00XBE ADVANTECH-IPC-602P3-00XBE Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-602P3-00XBE ADVANTECH-IPC-602P3-00XBE Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
More results

Similar Description - IPC-602P3-00XBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-2000 ADVANTECH-ACP-2000_15 Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-602 ADVANTECH-IPC-602_17 Datasheet
975Kb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000_12 Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-602 ADVANTECH-IPC-602_12 Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-510 ADVANTECH-IPC-510 Datasheet
1Mb / 2P
   4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-510 ADVANTECH-IPC-510_15 Datasheet
838Kb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-510 ADVANTECH-IPC-510_12 Datasheet
2Mb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-DT-3120E ADVANTECH-IPC-DT-3120E Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
IPC-510 ADVANTECH-IPC-510_V01 Datasheet
803Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
16-Jun-2020
IPC-DT-5230E ADVANTECH-IPC-DT-5230E Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com