Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0302CS-7N2XJL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0302CS-7N2XJL
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0302CS-7N2XJL Datasheet(HTML) 2 Page - Coilcraft lnc.

  0302CS-7N2XJL Datasheet HTML 1Page - Coilcraft lnc. 0302CS-7N2XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
0302CS Series (0805)
Specifications subject to change without notice.
Please check our website for latest information.
Document 302-2
Document 302-2
Revised 03/25/09
A max
B max
C max
D
E
F
G
H
0.034
0.021
0.018
0.006
0.015 0.010 0.014 0.021 inches
0,86
0,53
0,45
0,20
0,38
0,25
0,36
0,53
mm
F
F
G
H
Recommended
Land Pattern
A
B
overall
E
terminal
D
D
C
Terminal wraparound:
approx 0.006/0,15 both ends
1
10
100
1000
10000
Frequency (MHz)
0
90
80
70
60
50
40
30
20
10
0.67 nH
2.1 nH
13.0 nH
6.0 nH
34.0 nH
1
10
100
1000
10000
Frequency (MHz)
0
45
40
35
30
25
20
15
10
5
0.67 nH
2.1 nH
6.0 nH
13.0 nH
34.0 nH
Typical L vs Frequency
Typical Q vs Frequency
Irms Derating
-40
-20
0
20
40
60
80
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Designer’s Kit C370 contains 20 each of all values
Core material Ceramic
Terminations RoHS compliant silver-platinum-glass frit. Other
terminations available at additional cost.
Weight 0.4 – 0.5 mg
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +155°C with derated current
Storage temperature Component: –40°C to +155°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel. Paper tape: 8 mm wide, 0.5 mm thick,
2 mm pocket spacing
PCB washing Only pure water or alcohol recommended


Similar Part No. - 0302CS-7N2XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0302CS-7N2XJL COILCRAFT-0302CS-7N2XJL Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
0302CS-7N2XJLU COILCRAFT-0302CS-7N2XJLU Datasheet
110Kb / 2P
   Chip Inductors - 0302CS (0805)
0302CS-7N2XJLW COILCRAFT-0302CS-7N2XJLW Datasheet
110Kb / 2P
   Chip Inductors - 0302CS (0805)
More results

Similar Description - 0302CS-7N2XJL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com