Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVC220D-07B Datasheet(PDF) 6 Page - SAMWHA ELECTRIC

Part # SVC220D-07B
Description  SVC Varistors Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SVC220D-07B Datasheet(HTML) 6 Page - SAMWHA ELECTRIC

Back Button SVC220D-07B Datasheet HTML 2Page - SAMWHA ELECTRIC SVC220D-07B Datasheet HTML 3Page - SAMWHA ELECTRIC SVC220D-07B Datasheet HTML 4Page - SAMWHA ELECTRIC SVC220D-07B Datasheet HTML 5Page - SAMWHA ELECTRIC SVC220D-07B Datasheet HTML 6Page - SAMWHA ELECTRIC SVC220D-07B Datasheet HTML 7Page - SAMWHA ELECTRIC SVC220D-07B Datasheet HTML 8Page - SAMWHA ELECTRIC SVC220D-07B Datasheet HTML 9Page - SAMWHA ELECTRIC SVC220D-07B Datasheet HTML 10Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DISC Ceramic Capacitors 125
SAMWHA CAPACITOR Co., Ltd.
124
Transient V-I Characteristic Curves
10A(SVC 561D-10A to SVC 112D-10A)
Current waveform under 10
-2 A : DC
over 10
-1 A : 8/20㎲
Pulse Lifetime Ratings
10A(SVC 561D-10A to SVC 112D-10A)
Notes : 2-pulse : 5-minute interval
3 to 10-pulse : 2-minute interval
Up to 10
6-pulse : 10-second interval
1-pulse
14B(SVC 180D-14B to ENC 680D-14B)
14B(SVC 180D-14B to SVC 680D-14B)
Transient V-I Characteristic Curves
14A(SVC 820D-14A to SVC 471D-14A)
Current waveform under 10
-2 A : DC
over 10
-1 A : 8/20㎲
Pulse Lifetime Ratings
14A(SVC 820D-14A to SVC 471D-14A)
Notes : 2-pulse : 5-minute interval
3 to 10-pulse : 2-minute interval
Up to 10
6-pulse : 10-second interval
14A(SVC 561D-14A to SVC 182D-14A)
14A(SVC 561D-14A to SVC 182D-14A)
SVC Varistors Type


Similar Part No. - SVC220D-07B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC220D-07B ETC1-SVC220D-07B Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC220D-07B

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SV02YS SANKEN-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV04 ETC-SV04 Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Sanken electric
SV-2SS SANKEN-SV-2SS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
VR-60SS SANKEN-VR-60SS Datasheet
14Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV02YS ETC-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com