Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0604HQ-5N0XJL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0604HQ-5N0XJL
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0604HQ-5N0XJL Datasheet(HTML) 2 Page - Coilcraft lnc.

  0604HQ-5N0XJL Datasheet HTML 1Page - Coilcraft lnc. 0604HQ-5N0XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
0604HQ Series (1610)
Specifications subject to change without notice.
Please check our website for latest information.
Typical Q vs Frequency
Document 285-2
Revised 10/06/08
Document 285-2
Typical L vs Frequency
ABCD
max
max
max
ref
E
F
G
H
I
J
0.073 0.054 0.047 0.025 0.040 0.013 0.034 0.053 0.025 0.025 inches
1,85
1,37
1,19
0,64
1,02
0,33
0,86
1,35
0,63
0,63 mm
100
80
60
40
20
0
120
140
160
180
200
220
6.8 nH
4.5 nH
10.4 nH
1.1 nH
10000
1000
100
10
1
Frequency (MHz)
A
B
overall
F
I
I
G
D
E
terminal
F
J
C
H
Terminal wraparound:
approx 0.007/0,18 both ends
Recommended
Land Pattern
0
4
8
12
10000
1000
100
10
1
F(MH )
1.1 nH
2.6 nH
7.6 nH
6.8 nH
5.0 nH
4.5 nH
10.4 nH
requency
z
Irms Derating
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - 0604HQ-5N0XJL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0604HQ-5N0_X_ ETC2-0604HQ-5N0_X_ Datasheet
100Kb / 2P
   Chip Inductors
More results

Similar Description - 0604HQ-5N0XJL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com