Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2059 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQ2059
Description  High-Frequency Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ2059 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQ2059 Datasheet HTML 1Page - TriQuint Semiconductor TQ2059 Datasheet HTML 2Page - TriQuint Semiconductor TQ2059 Datasheet HTML 3Page - TriQuint Semiconductor TQ2059 Datasheet HTML 4Page - TriQuint Semiconductor TQ2059 Datasheet HTML 5Page - TriQuint Semiconductor TQ2059 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T
R
I
Q
U
I
N
T
S E M I C O N D U C T O R , I N C .
1
For additional information and latest specifications, see our website: www.triquint.com
TQ2059
High-Frequency
Clock Generator
Features
• Output frequency range:
200 MHz to 350 MHz
• One differential PECL output:
600 mV (min) swing
• Common-mode voltage:
VDD –1.2 V (max),
VDD –1.6 V (min)
• Period-to-period output jitter:
30 ps peak-to-peak (typ)
120 ps peak-to-peak (max)
• Reference clock input:
20 MHz to 35 MHz TTL-level
crystal oscillator
• Self-contained loop filter
• Optional 200-ohm pull-down
resistors for AC-coupled outputs
• +5 V power supply
• 28-pin J-lead surface-mount
package
• Ideal for designs based on DEC
Alpha AXPprocessors
Figure 1. Pinout Diagram
TriQuint’s TQ2059 is a high-frequency clock generator. It utilizes a 20 MHz
to 35 MHz TTL input to generate a 200 MHz to 350 MHz PECL output. The
TQ2059 has a completely self-contained Phase-Locked Loop (PLL) running
at 400 MHz to 700 MHz. This stable PLL allows for a low period-to-period
output jitter of 120 ps (max), and enables tight duty-cycle control of 55%to
45% (worst case).
The TQ2059 provides optional 200-ohm on-chip pull-down resistors which
are useful if the output is AC-coupled to the device being driven. In order
to use these resistors, pin 20 (PDR2) should be connected to pin 21 (QN),
and pin 23 (PDR1) should be connected to pin 22 (Q).
Various test modes on the chip simplify debug and testing of systems by
slowing the clock output or by bypassing the PLL.
AVDD
Phase
Detector
1
4
3
2
NC
NC
NC
NC
NC
NC
VDD
NC
GND
NC
NC
TEST1
28
27
26
19
20
21
22
23
24
25
11
10
9
8
7
6
5
16
17
18
13
12
15
14
Control
VCO
MUX
÷2
MUX
÷10
TEST2


Similar Part No. - TQ2059

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
TQ2061 TRIQUINT-TQ2061 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
More results

Similar Description - TQ2059

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ2060 TRIQUINT-TQ2060 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
TQ2061 TRIQUINT-TQ2061 Datasheet
191Kb / 6P
   High-Frequency Clock Generator
logo
Integrated Circuit Syst...
ICS9177 ICST-ICS9177 Datasheet
316Kb / 8P
   High Frequency System Clock Generator
logo
Motorola, Inc
MC12430 MOTOROLA-MC12430 Datasheet
168Kb / 12P
   HIGH FREQUENCY PLL CLOCK GENERATOR
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
   HIGH FREQUENCY PLL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2213 CYPRESS-CY2213_12 Datasheet
496Kb / 16P
   High Frequency Programmable PECL Clock Generator
CY2213 CYPRESS-CY2213 Datasheet
103Kb / 10P
   High-Frequency Programmable PECL Clock Generator
logo
SiTime Corp.
SIT2019B SITIME-SIT2019B Datasheet
945Kb / 17P
   High Frequency, High Temp, One-Output Clock Generator
logo
Renesas Technology Corp
M66239FP RENESAS-M66239FP Datasheet
301Kb / 24P
   High Speed Standard Clock Generator With Frequency Synthesizer
logo
SiTime Corp.
SIT2002B SITIME-SIT2002B Datasheet
551Kb / 12P
   High Frequency, Single Chip, One-output Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com