Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603LS-153X_L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0603LS-153X_L
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603LS-153X_L Datasheet(HTML) 2 Page - Coilcraft lnc.

  0603LS-153X_L Datasheet HTML 1Page - Coilcraft lnc. 0603LS-153X_L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 264-2
Document 264-2
Revised 10/06/08
Chip Inductors – 0603LS Series
Inductance2
Percent
SRF min4
DCR max5
Irms6
Color
Overall
Part number1
(nH)
tolerance
Q min3
(MHz)
(Ohms)
(A)
code
width
0603LS-47NX_L_
47 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1500
0.075
1.40
Black
B1
0603LS-51NX_L_
51 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1400
0.075
1.00
Violet
B1
0603LS-72NX_L_
72 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1400
0.12
1.40
Brown
B1
0603LS-101X_L_
100 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1150
0.13
1.40
Red
B1
0603LS-121X_L_
120 @ 7.9 MHz
5,2
12 @ 7.9 MHz
1100
0.15
1.40
Orange
B1
0603LS-151X_L_
150 @ 7.9 MHz
5,2
15 @ 7.9 MHz
1050
0.15
1.30
Yellow
B1
0603LS-181X_L_
180 @ 7.9 MHz
5,2
15 @ 7.9 MHz
950
0.15
1.30
Green
B1
0603LS-241X_L_
240 @ 7.9 MHz
5,2
15 @ 7.9 MHz
800
0.16
0.95
Violet
B1
0603LS-271X_L_
270 @ 7.9 MHz
5,2
15 @ 7.9 MHz
775
0.30
0.71
Gray
B1
0603LS-331X_L_
330 @ 7.9 MHz
5,2
15 @ 7.9 MHz
725
0.46
0.56
White
B1
0603LS-391X_L_
390 @ 7.9 MHz
5,2
15 @ 7.9 MHz
620
0.51
0.50
Black
B1
0603LS-471X_L_
470 @ 7.9 MHz
5,2
15 @ 7.9 MHz
540
0.62
0.42
Brown
B1
0603LS-561X_L_
560 @ 7.9 MHz
5,2
15 @ 7.9 MHz
525
0.44
0.55
Red
B1
0603LS-681X_L_
680 @ 7.9 MHz
5,2
15 @ 7.9 MHz
260
0.52
0.47
Orange
B2
0603LS-781X_L_
780 @ 7.9 MHz
5,2
15 @ 7.9 MHz
460
0.83
0.39
Yellow
B1
0603LS-821X_L_
820 @ 7.9 MHz
5,2
15 @ 7.9 MHz
410
0.69
0.40
Green
B2
0603LS-102X_L_
1000 @ 7.9 MHz
5,2
15 @ 7.9 MHz
190
0.81
0.40
Blue
B2
0603LS-122X_L_
1200 @ 7.9 MHz
5,2
15 @ 7.9 MHz
160
0.87
0.37
Violet
B2
0603LS-152X_L_
1500 @ 7.9 MHz
5,2
15 @ 7.9 MHz
100
0.96
0.35
Gray
B2
0603LS-182X_L_
1800 @ 7.9 MHz
5,2
15 @ 7.9 MHz
80
1.1
0.35
White
B2
0603LS-222X_L_
2200 @ 7.9 MHz
5,2
15 @ 7.9 MHz
68
1.2
0.32
Black
B2
0603LS-272X_L_
2700 @ 7.9 MHz
5,2
15 @ 7.9 MHz
60
1.5
0.28
Brown
B2
0603LS-332X_L_
3300 @ 7.9 MHz
5,2
15 @ 7.9 MHz
42
1.5
0.28
Red
B2
0603LS-392X_L_
3900 @ 7.9 MHz
5,2
15 @ 7.9 MHz
40
1.6
0.28
Orange
B2
0603LS-472X_L_
4700 @ 7.9 MHz
5,2
15 @ 7.9 MHz
34
2.1
0.26
Yellow
B2
0603LS-562X_L_
5600 @ 7.9 MHz
5,2
15 @ 7.9 MHz
32
2.6
0.24
Green
B2
0603LS-682X_L_
6800 @ 7.9 MHz
5,2
15 @ 7.9 MHz
31
3.1
0.20
Black
B2
0603LS-782X_L_
7800 @ 7.9 MHz
5,2
15 @ 7.9 MHz
28
3.5
0.20
Blue
B2
0603LS-822X_L_
8200 @ 7.9 MHz
5,2
15 @ 7.9 MHz
26
3.6
0.19
Violet
B2
0603LS-103X_L_
10,000 @ 2.5 MHz
5,2
12 @ 2.5 MHz
25
4.8
0.18
Gray
B2
0603LS-153X_L_
15,000 @ 2.5 MHz
5,2
20 @ 2.5 MHz
23
7.1
0.17
White
B2
0603LS-183X_L_
18,000 @ 2.5 MHz
5,2
20 @ 2.5 MHz
22
7.6
0.16
Brown
B2
0603LS-223X_L_
22,000 @ 2.5 MHz
5,2
22 @ 2.5 MHz
19
8.81
0.13
Black
B2
1. When ordering, specify tolerance, termination and packaging codes:
0603LS-822X
JLC
Tolerance:
G =2%
J = 5% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
2. Inductance measured at 0.1 Vrms, using Coilcraft SMD-A fixture in
Agilent/HP 4286A impedance analyzer with Coilcraft-provided
correlation pieces.
3. Q measured on Agilent/HP 4395A with Agilent/HP 16193 test fixture.
4. SRF measured using Agilent/HP 8753D network analyzer with Coilcraft
SMD-D test fixture.
5. DCR measured on Cambridge Technology Micro-ohmmeter.
6. Current that causes a 15°C temperature rise from 25°C ambient.
Because of their open construction, these parts will not saturate.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
AC
D
max
B
max
ref
E
F
G
H
I
J
0.071
0.044 0.015 0.030 0.013 0.034 0.040 0.025 0.025 inches
1,80
1,12
0,38
0,76
0,33
0,86
1,02
0,64
0,64 mm
A
B
overall
C
D
Terminal wraparound:
approx 0.008/0,20 both ends
I
I
J
F
F
G
H
E
terminal
Recommended
Land Pattern
Note:
B1 = 0.040 ±0.004 in / 1,016 ±0,102 mm
B2 = 0.046 ±0.004 in / 1,169 ±0,102 mm
See
note


Similar Part No. - 0603LS-153X_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603LS-153XGLB COILCRAFT-0603LS-153XGLB Datasheet
97Kb / 2P
   Chip Inductors - 0603LS (1608)
0603LS-153XGLC COILCRAFT-0603LS-153XGLC Datasheet
201Kb / 2P
   Chip Inductors - 0603LS (1608)
0603LS-153XGLC COILCRAFT-0603LS-153XGLC Datasheet
97Kb / 2P
   Chip Inductors - 0603LS (1608)
0603LS-153XGLC COILCRAFT-0603LS-153XGLC Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-153X_L COILCRAFT-0603LS-153X_L Datasheet
150Kb / 2P
   Chip Inductors
More results

Similar Description - 0603LS-153X_L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com