Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ3132 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQ3132
Description  Low Current, 3V Cellular Band CDMA/AMPS LNA IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ3132 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQ3132 Datasheet HTML 1Page - TriQuint Semiconductor TQ3132 Datasheet HTML 2Page - TriQuint Semiconductor TQ3132 Datasheet HTML 3Page - TriQuint Semiconductor TQ3132 Datasheet HTML 4Page - TriQuint Semiconductor TQ3132 Datasheet HTML 5Page - TriQuint Semiconductor TQ3132 Datasheet HTML 6Page - TriQuint Semiconductor TQ3132 Datasheet HTML 7Page - TriQuint Semiconductor TQ3132 Datasheet HTML 8Page - TriQuint Semiconductor TQ3132 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TQ3132
Data Sheet
For additional information and latest specifications, see our website: www.triquint.com
5
Application/Test Circuit
C2
LNA
GND
RF in
Vdd
GND
(paddle)
RF
out
GND
C3
Control
Logic
LNA input
LNA output
Vdd
R1
C2
C1
L1
Control Logic
Lbrd
Bill of Material for TQ3132 LNA Application/Test Circuit
Component
Reference Designator
Part Number
Value
Size
Manufacturer
Receiver IC
U1
TQ3132
SOT23-8
TriQuint Semiconductor
Capacitor
C1
3pF
0402
Capacitor
C2
15pF
0402
Resistor
R1
3.3
0402
Inductor
L1
15nH
0402
Inductor
Lbrd
See application note


Similar Part No. - TQ3132

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
More results

Similar Description - TQ3132

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ9203 TRIQUINT-TQ9203 Datasheet
263Kb / 12P
   Low-Current Cellular Band Downconverter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com