Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32360A4305J080 Datasheet(PDF) 8 Page - EPCOS

Part # B32360A4305J080
Description  Film capacitors - Power Electronic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32360A4305J080 Datasheet(HTML) 8 Page - EPCOS

Back Button B32360A4305J080 Datasheet HTML 4Page - EPCOS B32360A4305J080 Datasheet HTML 5Page - EPCOS B32360A4305J080 Datasheet HTML 6Page - EPCOS B32360A4305J080 Datasheet HTML 7Page - EPCOS B32360A4305J080 Datasheet HTML 8Page - EPCOS B32360A4305J080 Datasheet HTML 9Page - EPCOS B32360A4305J080 Datasheet HTML 10Page - EPCOS B32360A4305J080 Datasheet HTML 11Page - EPCOS B32360A4305J080 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Film capacitors – Power Electronic Capacitors
General purpose applications
B32360 ... B32364
Preliminary data
FK PC PEC
May 2009
Please read Cautions and warnings and
Page 8 of 12
Important notes at the end of this document
.
B32360
VR
VRMS
CR
µF
Ordering code
Imax
A
î
A
Is
kA
Rs
mΩ
Lself
nH
D
mm
H
mm
Stud Weight
kg
Packing
units
pcs.
10 B32360A3106J030
12
300
0.9
6.9 170
53.0
70
M8
0.2
12
15 B32360A3156J030
12
450
1.3
5.6 170
53.0
70
M8
0.2
12
20 B32360A3206J030
13
600
1.8
5.0 170
53.0
70
M8
0.2
12
25 B32360A3256J030
15
750
2.3
4.6 170
53.0
70
M8
0.2
12
30 B32360A3306J030
15
650
2.0
5.7 190
53.0
82
M8
0.2
12
40 B32360B3406J030
15
850
2.7
5.1 190
53.0
82
M8
0.2
12
50 B32360A3506J030
15
700
2.2
7.3 210
53.0
107
M8
0.3
12
60 B32360B3606J030
16
850
2.6
6.8 210
53.0
107
M8
0.3
12
70 B32360A3706J030
16
1000
3.0
6.4 210
63.5
107
M12
0.4
12
80 B32360A3806J030
16
1150
3.5
6.1 210
63.5
107
M12
0.4
12
460 V AC
330 V AC
100 B32360B3107J030
16
1050
3.2
7.6 250
63.5
132
M12
0.5
12
B32361
VR
VRMS
CR
µF
Ordering code
Imax
A
î
A
Is
kA
Rs
mΩ
Lself
nH
D
mm
H
mm
Stud Weight
kg
Packing
units
pcs.
50 B32361B3506J030
18
920
2.7
4.4
220
63.5
82
M12
0.3
12
60 B32361A3606J030
18
720
2.1
6.2
225
63.5
107
M12
0.4
12
70 B32361A3706J030
20
840
2.5
5.8
225
63.5
107
M12
0.4
12
80 B32361A3806J030
25
960
2.8
5.5
225
63.5
107
M12
0.4
12
460 V AC
330 V AC
100 B32361B3107J030
25
880
2.6
6.9
265
63.5
132
M12
0.5
12
B32362
VR
VRMS
CR
µF
Ordering code
Imax
A
î
A
Is
kA
Rs
mΩ
Lself
nH
D
mm
H
mm
Stud Weight
kg
Packing
units
pcs.
100 B32362A3107J030
30
1450
4.3
2.8 185 75.0
117
M12
0.7
6
150 B32362A3157J030
30
1450
4.3
3.7 210 75.0
152
M12
0.9
6
200 B32362B3207J030
40
1900
5.8
3.1 210 85.0
152
M12
1.0
4
250 B32362A3257J030
50
3600
10.8
1.7 200 85.0
197
M12
1.3
4
300 B32362A3307J030
50
4300
12.9
1.6 200 85.0
197
M12
1.3
4
460 V AC
330 V AC
400 B32362A3407J030
50
3850
11.6
2.1 240 85.0
267
M12
1.8
4
B32364
VR
VRMS
CR
µF
Ordering code
Imax
A
î
A
Is
kA
Rs
mΩ
Lself
nH
D
mm
H
mm
Stud Weight
kg
Packing
units
pcs.
50 B32364A3506J030
25
1110
3.3
3.0 180 63.5
82
M12
0.7
12
80 B32364A3806J030
25
1150
3.5
3.9 200 63.5
107
M12
0.9
12
100 B32364B3107J030
30
1440
4.3
3.4 210 75.0
117
M12
1.0
6
150 B32364A3157J030
30
1450
4.3
4.5 240 75.0
152
M12
1.3
6
460 V AC
330 V AC
200 B32364A3207J030
35
2880
8.6
2.6 240 75.0
197
M12
1.3
6


Similar Part No. - B32360A4305J080

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32360A4305J080 EPCOS-B32360A4305J080 Datasheet
726Kb / 16P
   Power Capacitors for Industrial Applications and Renewable Energy
More results

Similar Description - B32360A4305J080

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com