Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ5622 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQ5622
Description  3V PCS Receiver IC With Power- Down
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5622 Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TQ5622 Datasheet HTML 1Page - TriQuint Semiconductor TQ5622 Datasheet HTML 2Page - TriQuint Semiconductor TQ5622 Datasheet HTML 3Page - TriQuint Semiconductor TQ5622 Datasheet HTML 4Page - TriQuint Semiconductor TQ5622 Datasheet HTML 5Page - TriQuint Semiconductor TQ5622 Datasheet HTML 6Page - TriQuint Semiconductor TQ5622 Datasheet HTML 7Page - TriQuint Semiconductor TQ5622 Datasheet HTML 8Page - TriQuint Semiconductor TQ5622 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TQ5622
Data Sheet
8
For additional information and latest specifications, see our website: www.triquint.com
Package Pinout
LO IN
1
2
3
4
6
7
9
10
11
12
13
14
15
16
GND
GND
GND
Vdd MXR
5
VDD LNA
RF IN
Sleep
Control
IF OUT/Vdd
8
GND
GND
GND
GND
GND
LNA Out
MXR RF IN
Pin Descriptions
Pin Name
Pin #
Description and Usage
GND, LNA
1
LNA first stage ground connection. Direct connection to ground required.
LNA IN
2
LNA RF input. DC blocked. Requires external matching elements for noise match and match to 50
GND
3
Ground
VDD LNA
4
LNA DC supply voltage. Local external bypass capacitor required.
MXR LO IN
5
Mixer LO input. DC blocked, matched to 50
VDD_MXR
6
Mixer LO buffer supply voltage. Local external bypass capacitor required.
GND
7
Ground
GND
8
Ground
GND
9
Ground
GND
10
Ground
IF OUT
11
IF output. Open drain output, connection to Vdd required. External matching is required.
GND
12
Ground
MXR_RF
13
Mixer RF input, DC blocked. Matched to 50
Ω.
GND
14
Ground
LNA OUT
15
LNA RF Output. DC blocked. Matched to 50
Ω.
SLEEP
16
Power-Down mode control.
For ground pins 1,3,7,8,9,10,12, and 14, TriQuint recommends use of several via holes to the backside ground immediately adjacent to the
pin.
Package Type: Power QSOP-16 Plastic Package


Similar Part No. - TQ5622

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5635 TRIQUINT-TQ5635 Datasheet
218Kb / 25P
   3 V PCS LNA/Mixer Receiver IC
TQ5638 TRIQUINT-TQ5638 Datasheet
248Kb / 11P
   2.8V SIGE DUALl-MODE CDMA Rx RECEIVER
More results

Similar Description - TQ5622

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5122 TRIQUINT-TQ5122 Datasheet
84Kb / 9P
   3V Cellular TDMA/AMPS Receiver IC With Power- Down
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
logo
RF Micro Devices
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
   3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_06 Datasheet
213Kb / 10P
   3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_1 Datasheet
320Kb / 12P
   3V PCS LINEAR POWER AMPLIFIER
logo
TriQuint Semiconductor
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
logo
RF Micro Devices
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
   3V PCS DOWNCONVERTER
logo
TriQuint Semiconductor
TQ5635 TRIQUINT-TQ5635 Datasheet
218Kb / 25P
   3 V PCS LNA/Mixer Receiver IC
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com