Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32327C1306J057 Datasheet(PDF) 7 Page - EPCOS

Part # B32327C1306J057
Description  Film capacitors - AC capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32327C1306J057 Datasheet(HTML) 7 Page - EPCOS

  B32327C1306J057 Datasheet HTML 1Page - EPCOS B32327C1306J057 Datasheet HTML 2Page - EPCOS B32327C1306J057 Datasheet HTML 3Page - EPCOS B32327C1306J057 Datasheet HTML 4Page - EPCOS B32327C1306J057 Datasheet HTML 5Page - EPCOS B32327C1306J057 Datasheet HTML 6Page - EPCOS B32327C1306J057 Datasheet HTML 7Page - EPCOS B32327C1306J057 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32327 – MotorCap™
FK PC PM AC
July 2007
VR
V AC
CR
μF
Max. dimensions
d × l
mm
Ordering code
Packing units
pcs.
480
3
30 × 62
B32327B7305J0#*
112
4
30 × 62
B32327B7405J0#*
112
6
35 × 62
B32327B7605J0#*
84
7.5
35 × 62
B32327B7755J0#*
84
8
35 × 71
B32327B7805J0#*
84
10
40 × 71
B32327B7106J0#*
45
12
40 × 71
B32327B7126J0#*
45
15
45 × 71
B32327B7156J0#*
45
16
45 × 71
B32327B7166J0#*
45
20
45 × 71
B32327B7206J0#*
45
22
45 × 71
B32327B7226J0#*
45
25
45 × 95
B32327B7256J0#*
45
30
45 × 95
B32327B7306J0#*
45
35
45 × 95
B32327B7356J0#*
32
40
45 × 120
B32327B7406J0#*
45
45
50 × 120
B32327B7456J0#*
32
50
50 × 120
B32327B7506J0#*
32
Composition of ordering code:
#: Construction
1
plastic can
3
plastic can with M8 bolt
5
plastic can with fast fixation device, available for diameters 30 mm, 32 mm
and 35 mm, others on request
*: Wire length (dimension ‘b’ in drawing)
3
100 mm
7
200 mm
9
250 mm
others on request
U Please read “Applications warning, installation and maintenance instructions” and the “General Safety Data Sheet for Power
Capacitors” issued by ZVEI, which are available on the internet at www.epcos.com/ac_capacitors, to ensure optimum performance and to
prevent products from failing, and in worst case, bursting and fire. Information given in the data sheet reflects typical specifications. You are
kindly requested to approve our product specifications or request our approval for your specification before ordering.
Please read the important notes,
Page 7 of 8
cautions and warnings.


Similar Part No. - B32327C1306J057

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32327-A4356 EPCOS-B32327-A4356 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32327-A4406 EPCOS-B32327-A4406 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32327-A4456 EPCOS-B32327-A4456 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32327-A4506 EPCOS-B32327-A4506 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
More results

Similar Description - B32327C1306J057

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com