Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ5631 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQ5631
Description  3V PCS Band CDMA RFA/Mixer IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5631 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQ5631 Datasheet HTML 1Page - TriQuint Semiconductor TQ5631 Datasheet HTML 2Page - TriQuint Semiconductor TQ5631 Datasheet HTML 3Page - TriQuint Semiconductor TQ5631 Datasheet HTML 4Page - TriQuint Semiconductor TQ5631 Datasheet HTML 5Page - TriQuint Semiconductor TQ5631 Datasheet HTML 6Page - TriQuint Semiconductor TQ5631 Datasheet HTML 7Page - TriQuint Semiconductor TQ5631 Datasheet HTML 8Page - TriQuint Semiconductor TQ5631 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TQ5631
Data Sheet
2
For additional information and latest specifications, see our website: www.triquint.com
Electrical Characteristics
Parameter
Conditions
Min.
Typ/Nom
Max.
Units
RF Frequency
PCS band
1800
1960
2200
MHz
IF Frequency
100
210
300
MHz
LO Frequency
1600
1750
2300
MHz
CDMA Mode-High Gain
Gain
12.2
15.0
dB
Noise Figure
5.7
6.8
dB
Input IP3
-1.0
1.0
dBm
Supply Current
20.0
25.5
mA
CDMA Mode-High Gain Low Linearity
Gain
17.0
21.0
dB
Noise Figure
5.3
dB
Input IP3
-3.0
dBm
Supply Current
20.0
mA
CDMA Mode-Mid Gain
Gain
1.0
3.0
dB
Noise Figure
12.0
dB
Input IP3
18.0
dBm
Supply Current
15.0
mA
CDMA Mode-Low Gain
Gain
6.2
8.0
dB
Noise Figure
10.0
dB
Input IP3
13.5
dBm
Supply Current
15.0
mA
Supply Voltage
2.7
2.8
2.9
V
Note 1: Test Conditions: Vdd=2.8V, RF=1960MHz, LO=1750MHz, IF=210MHz, TC = 25
° C, LO input –4dBm, unless otherwise specified.
Note 2: Min/Max limits are at +25
°C case temperature, unless otherwise specified.
Absolute Maximum Ratings
Parameter
Value
Units
DC Power Supply
5.0
V
Power Dissipation
500
mW
Operating Temperature
-30 to 85
C
Storage Temperature
-60 to 150
C
Signal level on inputs/outputs
+20
dBm
Voltage to any non supply pin
+0.3
V


Similar Part No. - TQ5631

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5635 TRIQUINT-TQ5635 Datasheet
218Kb / 25P
   3 V PCS LNA/Mixer Receiver IC
TQ5638 TRIQUINT-TQ5638 Datasheet
248Kb / 11P
   2.8V SIGE DUALl-MODE CDMA Rx RECEIVER
More results

Similar Description - TQ5631

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
   Low Current, 3V PCS Band CDMA LNA IC
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
logo
RF Micro Devices
RF2466 RFMD-RF2466 Datasheet
139Kb / 8P
   3V CDMA/FM MIXER
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
   PCS CDMA/TDMA 3V POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com