Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32361B3506J030 Datasheet(PDF) 5 Page - EPCOS

Part # B32361B3506J030
Description  Film capacitors - Power Electronic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32361B3506J030 Datasheet(HTML) 5 Page - EPCOS

  B32361B3506J030 Datasheet HTML 1Page - EPCOS B32361B3506J030 Datasheet HTML 2Page - EPCOS B32361B3506J030 Datasheet HTML 3Page - EPCOS B32361B3506J030 Datasheet HTML 4Page - EPCOS B32361B3506J030 Datasheet HTML 5Page - EPCOS B32361B3506J030 Datasheet HTML 6Page - EPCOS B32361B3506J030 Datasheet HTML 7Page - EPCOS B32361B3506J030 Datasheet HTML 8Page - EPCOS B32361B3506J030 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Film capacitors – Power Electronic Capacitors
General purpose applications
B32360 ... B32364
Preliminary data
FK PC PEC
May 2009
Please read Cautions and warnings and
Page 5 of 12
Important notes at the end of this document
.
VR
VRMS
Specifications and characteristics
Rated capacitance CR:
3 µF … 600 µF
Tolerance:
±5%
Test data
Voltage between terminals VTT:
2.15 · VRMS, 2 s
Voltage between terminals and aluminum can VTC:
3000 V ACRMS, 2 s
Dissipation factor tan
 at 100 Hz: ≤ 1.0 · 10-3
Life test:
IEC 61071
Life expectancy:
100000 hours for VRMS |C/C| ≤ 3%
Climatic category:
40/70/21
stg*:
–40 °C ... +85 °C
min:
–40 °C
max**:
+70 °C
hs***:
+85 °C
Max. permissible humidity:
95% (ttest = 21 days)
Max. permissible altitude:
2000 m above sea level
*:
stg – Storage temperature.
**:
Considering mounting position with terminals to the top. For other mounting position, please request evaluation.
***:
hs – maximum temperature allowed at the capacitors hot spot.
Mechanical characteristics
Max. torque (case):
M8:
6 Nm
M12:
12 Nm
Max. torque (terminal):
M6:
4 Nm
M8:
6 Nm
M10:
10 Nm
Construction and general data
Resin filling:
Non PCB, soft polyurethane
Safety device:
Overpressure disconnector, self-healing technology
Mounting and grounding:
Stud on bottom of aluminum can
Cooling:
Naturally air-cooled (or forced air cooling)
Degree of protection:
Indoor mounting
Pollution degree:
PD4
Reference standards:
IEC 1071
UL approval file:
E106388 (Pending for B32364 series)
Rated AC
voltage
VRMS
Rated AC
voltage
VR
Repetitive
peak voltage
VN
Non repetitive
peak voltage
Vs
250 V
350 V
750 V
1125 V
330 V
460 V
900 V
1350 V
480 V
680 V
1200 V
1800 V


Similar Part No. - B32361B3506J030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32361B3506J030 EPCOS-B32361B3506J030 Datasheet
726Kb / 16P
   Power Capacitors for Industrial Applications and Renewable Energy
More results

Similar Description - B32361B3506J030

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com