Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ5M31 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQ5M31
Description  3V Downconverter Mixer IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5M31 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQ5M31 Datasheet HTML 6Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 7Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 8Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 9Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 10Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 11Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 12Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 13Page - TriQuint Semiconductor TQ5M31 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TQ5M31
Data Sheet
10
For additional information and latest specifications, see our website:
www.triquint.com
ISM Band Typical Performance/Applications circuit
Test Conditions (Unless Otherwise Specified): Vdd=2.8V, Ta=25C, RF=2443MHz, LO=2203MHz, LO input –4dBm, IF=240MHz,Current
≈7mA, Gain≈2.5dB, IIP3≈+9dB
Vdd
GIC
LO
IF
GND
RF
50 ohm LO
INPUT
50 ohm
RF
INPUT
IF
OUT
C4
Vdd
C2
C3
L2
Vdd
C1
L1
C7
R4
R3
Bill of Material for TQ5M31 Downconverter Mixer PCS band
Component
Reference Designator
Part Number
Value
Size
Manufacturer
Receiver IC
U1
TQ5M31
SOT23-6
TriQuint Semiconductor
Capacitor
C1
220pF
0402
Capacitor
C2
1000pF
0402
Capacitor
C3
12pF
0402
Capacitor
C4
10pF
0402
Capacitor
C7
150pF
0402
Inductor
L1
1.8nH
0402
Inductor
L2
47nH
0402
Resistor
R3
20ohm
0402
Resistor
R4
47ohm
0402
ISM Band: Idd vs. Vdd vs. Frequency
6
6.5
7
7.5
8
8.5
2400
2420
2440
2460
2480
Frequency (MHz)
Vdd=2.8V
Vdd=1.8V
Vdd=3.8V
Vdd=4.8V
ISM band: C/G vs. LO Drive vs. Frequency
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
2400
2420
2440
2460
2480
Frequency (MHz)
PLO=-7dBm
PLO=-4dBm
PLO=-1dBm


Similar Part No. - TQ5M31

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5M31J TRIQUINT-TQ5M31J Datasheet
1Mb / 16P
   TQ5M31J
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
More results

Similar Description - TQ5M31

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
   3V PCS DOWNCONVERTER
logo
Broadcom Corporation.
DEMO-IAM9156-3 BOARDCOM-DEMO-IAM9156-3 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
logo
AVAGO TECHNOLOGIES LIMI...
IAM-91563 AVAGO-IAM-91563 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
logo
TriQuint Semiconductor
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
logo
Agilent(Hewlett-Packard...
IAM-91563 HP-IAM-91563 Datasheet
198Kb / 16P
   0.8-6 GHz 3V Downconverter
logo
TriQuint Semiconductor
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com