Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41121A4337M000 Datasheet(PDF) 11 Page - EPCOS

Part # B41121A4337M000
Description  Aluminum electrolytic capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41121A4337M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B41121A4337M000 Datasheet HTML 5Page - EPCOS B41121A4337M000 Datasheet HTML 6Page - EPCOS B41121A4337M000 Datasheet HTML 7Page - EPCOS B41121A4337M000 Datasheet HTML 8Page - EPCOS B41121A4337M000 Datasheet HTML 9Page - EPCOS B41121A4337M000 Datasheet HTML 10Page - EPCOS B41121A4337M000 Datasheet HTML 11Page - EPCOS B41121A4337M000 Datasheet HTML 12Page - EPCOS B41121A4337M000 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
General
Also see “Important notes” on page 13.
1
Aluminum electrolytic capacitors have a bi-polar structure. This is marked on the body of the
capacitor. A capacitor must not be mounted with reversed polarity. The application of an AC
or reverse voltage may cause a short circuit or damage the capacitor. Bi-polar capacitors
must not be used in AC applications, where the polarity may be reversed in the circuits or is
unknown.
2
The DC voltage applied to the capacitor terminal must not exceed its rated operating voltage,
as this will result in a rapid increase of the leakage current and may damage the capacitor. It
is recommended to operate the capacitor at 70–80% of its rated voltage to optimize its serv-
ice life.
3
The ripple current applied to the capacitor must be within the permitted range. An excessive
ripple current leads to impaired electrical properties and may damage the capacitor. Note that
the sum of the peak values of the ripple voltage and the DC operating voltage must not ex-
ceed the rated DC voltage.
4
Capacitors must be used within their permitted range of operating temperature. Operation at
room temperature optimizes their service life.
5
Capacitors with case diameter
≥8 mm are equipped with a safety vent. In capacitors fitted
with a lead or soldering lug, the safety vent is usually located at the base of the case. It needs
sufficient space around it to operate optimally. The following dimensions are recommended:
for case diameter d = 8 to 16 mm, more than 2 mm; for d =18 to 35 mm, more than 3 mm;
and for d = 42 mm or more, more than 5 mm.
6
Capacitors should not be mounted with the safety vent face down on the board. Do not locate
any wire or copper trace near the safety vent. Do not reverse the voltage, as this may result
in excess pressure and the leakage of electrolyte.
7
Gas is released through the safety vent when the pressure inside the capacitor is too high. A
gaseous liquid around the safety vent does not indicate a leakage of electrolyte.
8
The capacitor should be stored under conditions of normal temperature and in a non-acid,
non-alkali environment of normal humidity. Exposure to high temperatures, for example un-
der direct sunlight, will reduce its operating life. If the capacitor is stored in an environment
containing acids or alkalis, the solderability of the leads may be affected.
9
The leakage current of an aluminum electrolytic capacitor may increase after a long period
of storage. After such storage, the capacitor must be aged by applying the rated operating
voltage for 6–8 hours before use.
10
Manual soldering:
a Soldering must be performed within the specified conditions.
Bit temperature: 350
°C; application time of soldering iron: 3 seconds.
b Ensure that the soldering iron does not touch any part of the capacitor body.
Cautions and warnings


Similar Part No. - B41121A4337M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41121A6107M EPCOS-B41121A6107M Datasheet
597Kb / 13P
   Aluminum Electrolytic Capacitors: SMD
More results

Similar Description - B41121A4337M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com