Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41252B3479M000 Datasheet(PDF) 10 Page - EPCOS

Part # B41252B3479M000
Description  Aluminum electrolytic capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252B3479M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B41252B3479M000 Datasheet HTML 6Page - EPCOS B41252B3479M000 Datasheet HTML 7Page - EPCOS B41252B3479M000 Datasheet HTML 8Page - EPCOS B41252B3479M000 Datasheet HTML 9Page - EPCOS B41252B3479M000 Datasheet HTML 10Page - EPCOS B41252B3479M000 Datasheet HTML 11Page - EPCOS B41252B3479M000 Datasheet HTML 12Page - EPCOS B41252B3479M000 Datasheet HTML 13Page - EPCOS B41252B3479M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Snap-in capacitors
B41252, B43252
Standard series – 105
°C
10 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and ordering codes B41252
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
105
°C
A
Ordering code
10
10000
22
× 25
2.17
B41252A3109M000
12000
22
× 30
2.48
B41252A3129M000
15000
22
× 35
2.83
B41252A3159M000
15000
25.4
× 25
2.75
B41252B3159M000
18000
22
× 35
3.00
B41252A3189M000
18000
25.4
× 30
3.11
B41252B3189M000
22000
22
× 40
3.35
B41252A3229M000
22000
25.4
× 35
3.48
B41252B3229M000
22000
30
× 25
3.38
B41252C3229M000
27000
22
× 50
3.88
B41252A3279M000
27000
25.4
× 40
3.87
B41252B3279M000
27000
30
× 30
3.79
B41252C3279M000
33000
25.4
× 45
4.26
B41252A3339M000
33000
30
× 35
4.20
B41252B3339M000
39000
25.4
× 50
4.60
B41252A3399M000
39000
30
× 40
4.57
B41252B3399M000
39000
35
× 30
4.46
B41252C3399M000
47000
30
× 45
4.95
B41252A3479M000
47000
35
× 35
4.87
B41252B3479M000
56000
35
× 45
5.49
B41252A3569M000
16
8200
22
× 25
2.14
B41252A4828M000
10000
22
× 30
2.48
B41252A4109M000
10000
25.4
× 25
2.56
B41252B4109M000
12000
22
× 35
2.80
B41252A4129M000
12000
25.4
× 30
2.90
B41252B4129M000
12000
30
× 25
2.97
B41252C4129M000
15000
22
× 40
3.17
B41252A4159M000
15000
25.4
× 35
3.29
B41252B4159M000
15000
30
× 30
3.38
B41252C4159M000
18000
22
× 45
3.50
B41252A4189M000
18000
25.4
× 40
3.65
B41252B4189M000
18000
30
× 30
3.57
B41252C4189M000
22000
25.4
× 45
4.03
B41252A4229M000
22000
30
× 35
3.98
B41252B4229M000
27000
25.4
× 50
4.42
B41252A4279M000
27000
30
× 40
4.39
B41252B4279M000
27000
35
× 30
4.29
B41252C4279M000
33000
30
× 45
4.79
B41252A4339M000
33000
35
× 35
4.71
B41252B4339M000
39000
30
× 50
5.16
B41252A4399M000
39000
35
× 40
5.10
B41252B4399M000
47000
35
× 45
5.50
B41252A4479M000
AEC-C_B41252_B43252.book Seite 10 Mittwoch, 16. April 2008 1:08 13


Similar Part No. - B41252B3479M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41252B3479M000 EPCOS-B41252B3479M000 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B41252B3479M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com