Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCCS1C150D1B Datasheet(PDF) 1 Page - SAMWHA ELECTRIC

Part # SCCS1C150D1B
Description  Surface Mount Disc Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SCCS1C150D1B Datasheet(HTML) 1 Page - SAMWHA ELECTRIC

  SCCS1C150D1B Datasheet HTML 1Page - SAMWHA ELECTRIC SCCS1C150D1B Datasheet HTML 2Page - SAMWHA ELECTRIC SCCS1C150D1B Datasheet HTML 3Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Disc Capacitors 135
SAMWHA CAPACITOR Co., Ltd.
134
Introduction
Samwha's high voltage ceramic capacitors offer superior performance and reliability.
SMDC is the resin molded SMD type that surface mounting is available.
SMDC exhibits high reliability through use of disc capacitor element.
Competitive lower maintenance cost is guaranteed.
Wide rated voltage ranges from 1kV to 6kV, through a disc element which withstand high voltage and
outcurve terminals.
Design flexibility ensures down sizing and higher resistance to outer impact.
Surface Mount Disc Capacitors
Rated
Capacitance
LW
H
E
A
B
KL1
L2
Terminal Developm
Voltage
(pF)
±0.5
±0.3
±0.2
±0.2
±0.1
±0.3
Min.
Form
ent/Mass
3kV
5 ~ 33
5.7
4.5
2.3
2.5
1.7
3.1
-
-
-
Style 1
Development
5 ~ 33
5.7
4.5
2.3
2.5
1.7
3.1
-
-
-
Style 1
Development
4kV
39 ~ 47
7.1
6.3
2.4
2.5
2.0
3.7
-
-
-
Style 1
Development
18 ~ 27
5.5
4.5
2.3
2.5
1.7
3.1
0.5
9.4
6.7
Style 2
Mass
39 ~ 47
7.1
6.3
2.4
2.5
2.0
3.7
0.5
10.8
7.9
Style 2
Development
5kV
5 ~ 15
5.5
4.5
2.3
2.5
1.7
3.1
0.5
9.4
6.7
Style 2
Mass
18 ~ 27
7.1
6.3
2.4
2.5
2.0
3.7
0.5
10.8
7.9
Style 2
Development
6kV
5 ~ 15
7.1
6.3
2.4
2.5
2.0
3.7
0.5
10.8
7.9
Style 2
Development
Shape & Dimensions
(Unit : mm)
Inside Terminal (Style 1)
(Development Product)
Outside Terminal (Style 2)
(Mass Product)
Surface Mount Disc Capacitors
SCC O 3H 150 J 2 E 00
How to Order(Product Identification)
Style
Capacitance temperature characteristic
Mark
Product Name
Mark
Product Name
SCC
Temperature Compensating Type
SSD
AC250/400V(Testing Voltage:AC4000V)
SCK
High Dielectric Type
SSC
AC250(Testing Voltage:AC2500V)
SCG
Semiconductor Type
SCC Type (PPM/℃)
SCK, SCG, SSC, SSD Type
C
NPO(0)
T
N470(-470)
B
Y5P(+10~-10%)
L
N80(-80)
U
N750(-750)
R
Y5R(+15~-15%)
P
N150(-150)
O
SL(+350~-1000)
E
Y5U(+22~-56%)
R
N220(-220)
F
Y5V(+22~-82%)
S
N330(-330)
Cap. Tolerance
Mark
Cap. Tolerance
Mark
Cap. Tolerance
Mark
Cap. Tolerance
C
±0.25pF
J
±5%
P
+100%, -0%
D
±0.5pF
K
±10%
Z
+80%, -20%
F
±1.0pF
M
±20%
Rating Voltage
Capacitance
1A
10V
1B
12.5V
1C
16V
1E
25V
1H
50V
2A
100V
2B
125V
2E
250V
2G
400V
2H
500V
3A
1kV
3B
1.25kV
3D
2kV
3F
3.15kV
3G
4kV
3H
5kV
3J
6.3kV
4A
10kV
4B
4C
16kV
(in picofarads) The first two digits indicate significant digits. The 3rd digit indicate the number of zero following.
R denotes decimal.
Ex.) 0.5pF : 0R5, 10pF : 100, 100pF : 101
Style
Mark
Terminal Form
1
Inside Terminal
2
Outside Terminal
Packing Style
Mark
Packaging Style
B
Bulk
E
Embossed Carrier Taping
Spare Code


Similar Part No. - SCCS1C150D1B

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
SCCS12B105PCAA1 KSS-SCCS12B105PCAA1 Datasheet
757Kb / 9P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCS12B105PCAC1 KSS-SCCS12B105PCAC1 Datasheet
757Kb / 9P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCS12B105PCBA1 KSS-SCCS12B105PCBA1 Datasheet
757Kb / 9P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCS12B105PCBC1 KSS-SCCS12B105PCBC1 Datasheet
757Kb / 9P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCS12B105PCTA1 KSS-SCCS12B105PCTA1 Datasheet
757Kb / 9P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
More results

Similar Description - SCCS1C150D1B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com