Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8696-B Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AS8696-B
Description  ADSL Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AS8696-B Datasheet(HTML) 1 Page - Coilcraft lnc.

  AS8696-B Datasheet HTML 1Page - Coilcraft lnc. AS8696-B Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2007
Specifications subject to change without notice.
Please check our website for latest information.
© Coilcraft, Inc. 2007
Document 222-1
Document 222-1
Revised 1/11/01
These transformers have been designed to provide
optimum performance with the ADSL chip sets from a
variety of leading manufacturers.
They feature a compact size, minimum DC resistance
and very low leakage inductance. Primary inductance is
stable from -40°C to +85°C and the longitudinal balance
is optimized for the best overall performance at the
ADSL transmission speed. Most parts have been de-
signed to meet UL 1950 requirements.
For free evaluation samples or to discuss custom de-
signs, please contact Coilcraft.
1. All electrical specifications referenced to line side.
2. Operating temperature range -40°C to +85°C.
3. Electrical specifications at 25°C.
Line side
Leakage
Part
inductance
inductance
DCR max (Ohms)
number
Style
Chip set
(mH)
max (µH)
Chip side
Line side
AS8426-A
Leaded
Alcatel DynaMiTe MTK-20140
0.410 ± 10%
6.5
0.130 (10-8), 0.095 (9-7) 0.200 (1-3, 2-4)
AS8446-A
SMT
Alcatel DynaMiTe MTK-20140
0.410 ± 10%
6.5
0.130 (10-8), 0.095 (9-7) 0.200 (1-3, 2-4)
AS8696-B
Leaded
Alcatel DynaMiTe MTK-20140
0.442 ± 5%
5.0
0.375 (10-8), 0.310 (9-7) 0.425 (1-3, 2-4)
AS8697-B
SMT
Alcatel DynaMiTe MTK-20140
0.442 ± 5%
5.0
0.375 (10-8), 0.310 (9-7) 0.415 (1-3, 2-4)
AS8425-A
Leaded Motorola MC145660/MS143462SK
3.96 ± 5%
18
2.42 (10-6), 1.87 (9-7)
2.53 (1-4, 2-5)
AS8397-B
SMT
Motorola MC145660/MS143462SK
3.96 ± 5%
18
2.42 (10-6), 1.87 (9-7)
2.53 (1-4, 2-5)
AS8578-A
Leaded
TI TNETD4000R/3000R
1.5 ± 5%
18
0.800 (1-4)
3.75 (10-7)
AS8579-A
SMT
TI TNETD4000R/3000R
1.5 ± 5%
18
0.800 (1-4)
3.75 (10-7)
Dielectric
Longitudinal
THD
Part
strength
Turns ratio
Capacitance
balance
@ 20 kHz
Designed
number
(V)
line:chip
max (pF)
min (dB)
typ (dB)
to meet
AS8426-A
3000
2:1
N/A
45 (30 kHz - 1.1 MHz)
-77
UL 1950
AS8446-A
2300
2:1
N/A
45 (30 kHz - 1.1 MHz)
-77
UL 1950
AS8696-B
3000
1:1
N/A
45 (30 kHz - 1.1 MHz)
-84
UL 1950
AS8697-B
2300
1:1
N/A
45 (30 kHz - 1.1 MHz)
-84
UL 1950
AS8425-A
1875
1.2:1
N/A
40 (20 kHz - 1.1 MHz)
-92
UL 1950
AS8397-B
1875
1.2:1
N/A
40 (20 kHz - 1.1 MHz)
-92
UL 1950
AS8578-A
1875
1.42:1
35.0
40 (20 kHz - 1.1 MHz)
-85
UL 1950
AS8579-A
1875
1.42:1
35.0
40 (20 kHz - 1.1 MHz)
-85
UL 1950
ADSLTransformers
For Alcatel, Motorola
and TI chip sets
This product is not RoHS-compliant. Contact Coilcraft
for current status or possible alternatives.


Similar Part No. - AS8696-B

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AS8696-B COILCRAFT-AS8696-B Datasheet
185Kb / 2P
   ADSL Transformers
More results

Similar Description - AS8696-B

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1_1 Datasheet
92Kb / 1P
   ADSL Transformers
logo
XFMRS Inc.
XF2038A XFMRS-XF2038A Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
logo
Coilcraft lnc.
AS8426-A COILCRAFT-AS8426-A_13 Datasheet
185Kb / 2P
   ADSL Transformers
logo
XFMRS Inc.
XF2038A XFMRS-XF2038A_15 Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
logo
Coilcraft lnc.
AS8952-A COILCRAFT-AS8952-A_13 Datasheet
204Kb / 2P
   ADSL Transformers
AS8952-A COILCRAFT-AS8952-A Datasheet
400Kb / 2P
   ADSL Transformers
B0726 COILCRAFT-B0726_13 Datasheet
52Kb / 1P
   ADSL Transformers
AS7787-A COILCRAFT-AS7787-A Datasheet
132Kb / 2P
   ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1 Datasheet
90Kb / 1P
   ADSL Transformers
logo
Coilcraft lnc.
B0726-EL COILCRAFT-B0726-EL Datasheet
64Kb / 1P
   ADSL Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com