Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41605A8818M002 Datasheet(PDF) 8 Page - EPCOS

Part # B41605A8818M002
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41605A8818M002 Datasheet(HTML) 8 Page - EPCOS

Back Button B41605A8818M002 Datasheet HTML 4Page - EPCOS B41605A8818M002 Datasheet HTML 5Page - EPCOS B41605A8818M002 Datasheet HTML 6Page - EPCOS B41605A8818M002 Datasheet HTML 7Page - EPCOS B41605A8818M002 Datasheet HTML 8Page - EPCOS B41605A8818M002 Datasheet HTML 9Page - EPCOS B41605A8818M002 Datasheet HTML 10Page - EPCOS B41605A8818M002 Datasheet HTML 11Page - EPCOS B41605A8818M002 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
VR = 25 V DC
6800
17
22
115
19
19
12.8
9.5
6.5
9000
13
18
80
15
15
13.8
10.5
7.1
12000
10
13
55
12
12
17.5
13.2
9.0
18000
8
11
45
11
11
19.1
14.3
9.8
27000
7
10
32
11
11
19.4
14.6
10.0
VR = 40 V DC
3900
18
26
115
19
19
12.8
9.5
6.5
5100
15
21
80
15
15
13.8
10.5
7.1
6800
11
16
60
11
11
17.5
13.2
9.0
10000
9
13
45
11
11
19.2
14.4
9.9
15000
8
11
32
11
11
19.5
14.7
10.1
VR = 55 V DC
2500
21
31
115
19
19
12.7
9.5
6.4
3300
17
24
80
15
15
13.8
10.5
7.1
4700
13
18
60
12
12
17.5
13.2
9.0
6800
10
15
45
11
11
19.1
14.3
9.8
10000
9
13
35
11
11
19.4
14.6
10.0
VR = 63 V DC
2000
25
35
115
19
19
12.7
9.5
6.4
2700
19
26
85
15
15
13.6
10.4
7.0
3900
14
20
65
12
12
17.5
13.2
9.0
5600
11
16
45
11
11
19.1
14.3
9.8
8100
9
13
35
11
11
19.4
14.6
10.0
B41605
Automotive
compact
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41605A8818M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41605A8158M002 EPCOS-B41605A8158M002 Datasheet
147Kb / 7P
   Large size Aluminum electrolytic capacitors
B41605A8158M009 EPCOS-B41605A8158M009 Datasheet
147Kb / 7P
   Large size Aluminum electrolytic capacitors
B41605A8218M002 EPCOS-B41605A8218M002 Datasheet
147Kb / 7P
   Large size Aluminum electrolytic capacitors
B41605A8218M009 EPCOS-B41605A8218M009 Datasheet
147Kb / 7P
   Large size Aluminum electrolytic capacitors
B41605A8278M002 EPCOS-B41605A8278M002 Datasheet
147Kb / 7P
   Large size Aluminum electrolytic capacitors
More results

Similar Description - B41605A8818M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com