Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-3338AC-VSS Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # DL-3338AC-VSS
Description  Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-3338AC-VSS Datasheet(HTML) 2 Page - Optoway Technology Inc

  DL-3338AC-VSS Datasheet HTML 1Page - Optoway Technology Inc DL-3338AC-VSS Datasheet HTML 2Page - Optoway Technology Inc DL-3338AC-VSS Datasheet HTML 3Page - Optoway Technology Inc DL-3338AC-VSS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Optoway
DL-33X8AW
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2008 V1.0
ABSOLUTE MAXIMUM RATINGS
Stress in excess of the absolute maximum rating can cause permanent damage to the device. These are absolute stress
rating only. Functional operation of the device is not implied at these or any other conditions in excess of these given in
the operational sections of the datasheet. Exposure to absolute ratings for extended periods can adversely affect device
reliability.
Parameter
Symbol
Min
Max
Unit
Optical Output Power
(3338AW / 3348AW / 3358AW)
Po
3 / 4 / 5
mW
LD Reverse Voltage
VRL
2
V
PD Reverse Voltage
VRD
10
V
PD Forward Current
IFD
1
mA
Soldering Temperature
Tsolder
260 / 10
oC / sec
Operating Temperature Range
Top
-20
85
oC
PRECAUTIONS for USE
1. ESD protection is imperative. Use of grounding straps, anti-static mats, and other ESD protective equipment is
recommended when handling or testing an any junction photodiodes.
2. Fiber pigtails should be handled with less than 10N pull and with a bending radius greater than 30 mm.
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Flangeless
Horizontal Flange
Vertical Flange
Connector
H
H
H
P/N
H
DL-3338AW-XXXS
9
DL-3348AW-XXXS
10.9
DL-3358AW-XXXS
10.9


Similar Part No. - DL-3338AC-VSS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3338AC-VSS OPTOWAY-DL-3338AC-VSS Datasheet
91Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CDMA wireless communication
More results

Similar Description - DL-3338AC-VSS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-53X8AW OPTOWAY-DL-53X8AW Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-53X8AW-CXX0 OPTOWAY-DL-53X8AW-CXX0 Datasheet
92Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD forWide-Band CDMA application
DL-3338AC OPTOWAY-DL-3338AC Datasheet
91Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CDMA wireless communication
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CATV return path application
DL-53X8AC OPTOWAY-DL-53X8AC Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
DL-3500 OPTOWAY-DL-3500 Datasheet
133Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3340 OPTOWAY-DL-3340 Datasheet
94Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3500 OPTOWAY-DL-3500_09 Datasheet
93Kb / 5P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3300 OPTOWAY-DL-3300_09 Datasheet
81Kb / 4P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3300 OPTOWAY-DL-3300 Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com