Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCCT3F150D1B Datasheet(PDF) 3 Page - SAMWHA ELECTRIC

Part # SCCT3F150D1B
Description  Surface Mount Disc Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SCCT3F150D1B Datasheet(HTML) 3 Page - SAMWHA ELECTRIC

  SCCT3F150D1B Datasheet HTML 1Page - SAMWHA ELECTRIC SCCT3F150D1B Datasheet HTML 2Page - SAMWHA ELECTRIC SCCT3F150D1B Datasheet HTML 3Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SAMWHA CAPACITOR Co., Ltd.
138
Ceramic Type
Appendix
SMD Type Packing
140
CHIP B/I Packing
142
SMDC Packing
144
Mechanical test and Environmental Substance
No.
Item
Requirement
Test Conditions
Adhesive Strength of
Terminal
1
Solder the capacitor to the testing jig (glass epoxy
board) shown in Fig. 2 using a eutectic solder. Then
apply 5 N force in the direction of the arrow. The
soldering should be used the reflow method and
should be conducted with care so that the soldering is
uniform and free of defects such as heat shock.
No removal of the termination or other
defect should occur.
SCC Type
SCK, SCG, SSC,
SSD Type
Vibration
Resistance
Appearance
Capacitance
Change
More than 1000MΩ
2
The capacitor should be subjected to a simple
harmonic motion having a total amplitude of 1.5mm,
the frequency being varied uniformly between the
approximate limits of 10 and 55Hz. The frequency
range, from 10 to 55Hz and return to 10Hz, should be
traversed in approximately 1 min. This motion should
be applied for a period of 2hrs. in each 3mutually
perpendicular directions (total of 6hrs.)
No. visible damage
±5% or ±0.5 pF
B : With ± 10%
Whichever is larger
E : With ± 20%
from initial measurement
F : With ± 30%
Dissipation
Factor (tan δ,Q)
I.R
Q ≥ 200
B,E : 5% Max.
F
: 7.5% Max.
Fig.2
Fig.4
Bending
Strength
Appearance
Capacitance
Change
3
Solder the capacitor to the testing jig (glass epoxy
board) shown in Fig. 3 using a eutectic solder.
Then apply a force in the direction shown in Fig. 4.
The soldering should be done either with an iron or
using the reflow method and should be conducted
with care so that the soldering is uniform and free of
defects such as heat shock.
No. visible damage
±5% or ±0.5 pF
B : With ± 10%
Whichever is larger
E : With ± 20%
from initial measurement
F : With ± 30%
Solder
Heat
Resistance
Appearance
Capacitance
Change
Dielectric
Strength
5
No. visible damage
±5% or ±0.5 pF
B : With ± 5%
Whichever is larger
E : With ± 15%
from initial measurement
F : With ± 20%
No. Failure
Fig.3
Solderability Test
4
The regulation of
environmental pollution
materials.
6
Soldering Method : Reflow Soldering
- Maximum Temperature : 250℃ max.
(245± 5℃, 5± 0.5 sec.)
- Preheating Temperature : 150~180℃, 60~180 sec.
Soldering Method : Reflow Soldering
- Maximum Temperature : 250℃ max.
(245± 5℃, 5± 0.5 sec.)
- Preheating Temperature : 150~180℃, 60~180 sec.
- After testing, The capacitors shall be subjected to the
standard test condition for a period 24 hours and shall
be measured.
Visual examination terminals area shall
be at least 90% covered with a new
solder coating
※ Never use materials mentioned below in high voltage products regulated this document.
※ Pb, Hg, Cr+6, PBB, PBDE : 100ppm, Cd : 5ppm
※ Exception : - Pb of solder : <1000ppm
- Pb of ceramic(dielectric)


Similar Part No. - SCCT3F150D1B

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
SCCT30B156SRB KSS-SCCT30B156SRB Datasheet
757Kb / 9P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCT30B186SRB KSS-SCCT30B186SRB Datasheet
757Kb / 9P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCT30E106PRBA1 KSS-SCCT30E106PRBA1 Datasheet
666Kb / 8P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCT30E106PRBC1 KSS-SCCT30E106PRBC1 Datasheet
666Kb / 8P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
SCCT30E106PRTA1 KSS-SCCT30E106PRTA1 Datasheet
666Kb / 8P
   High Capacitance Cylindrical SuperCapacitors
Rev 1
More results

Similar Description - SCCT3F150D1B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com