Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41141B7336M000 Datasheet(PDF) 6 Page - EPCOS

Part # B41141B7336M000
Description  Aluminum electrolytic capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41141B7336M000 Datasheet(HTML) 6 Page - EPCOS

Back Button B41141B7336M000 Datasheet HTML 2Page - EPCOS B41141B7336M000 Datasheet HTML 3Page - EPCOS B41141B7336M000 Datasheet HTML 4Page - EPCOS B41141B7336M000 Datasheet HTML 5Page - EPCOS B41141B7336M000 Datasheet HTML 6Page - EPCOS B41141B7336M000 Datasheet HTML 7Page - EPCOS B41141B7336M000 Datasheet HTML 8Page - EPCOS B41141B7336M000 Datasheet HTML 9Page - EPCOS B41141B7336M000 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SMD capacitors
B41141
Low impedance – 105
°C
6
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and ordering codes
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δmax
120 Hz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
6.3
22
4
× 5.4
0.26
3.00
60
B41141A2226M000
33
5
× 5.4
0.26
1.80
95
B41141A2336M000
47
5
× 5.4
0.26
1.80
95
B41141A2476M000
68
6.3
× 5.4
0.26
1.00
140
B41141A2686M000
100
6.3
× 5.4
0.26
1.00
140
B41141A2107M000
100
6.3
× 5.8
0.26
1.00
140
B41141B2107M000
150
8
× 6.2
0.26
0.80
150
B41141A2157M000
220
6.3
× 7.7
0.26
0.60
230
B41141A2227M000
220
8
× 6.2
0.26
0.80
150
B41141B2227M000
330
8
× 10
0.26
0.30
450
B41141A2337M000
1000
10
× 10
0.26
0.15
670
B41141A2108M000
1500
10
× 10
0.26
0.15
670
B41141A2158M000
10
22
5
× 5.4
0.19
1.80
95
B41141A3226M000
33
5
× 5.4
0.19
1.80
95
B41141A3336M000
47
6.3
× 5.4
0.19
1.00
140
B41141A3476M000
68
6.3
× 5.4
0.19
1.00
140
B41141A3686M000
68
6.3
× 5.8
0.19
1.00
140
B41141B3686M000
100
6.3
× 7.7
0.19
0.60
230
B41141A3107M000
100
8
× 6.2
0.19
0.80
150
B41141B3107M000
150
6.3
× 7.7
0.19
0.60
230
B41141A3157M000
150
8
× 6.2
0.19
0.80
150
B41141B3157M000
220
8
× 10
0.19
0.30
450
B41141A3227M000
470
10
× 10
0.19
0.15
670
B41141A3477M000
1000
10
× 10
0.19
0.15
670
B41141A3108M000
16
10
4
× 5.4
0.16
3.00
60
B41141A4106M000
15
5
× 5.4
0.16
1.80
95
B41141A4156M000
22
5
× 5.4
0.16
1.80
95
B41141A4226M000
33
6.3
× 5.4
0.16
1.00
140
B41141A4336M000
47
6.3
× 5.4
0.16
1.00
140
B41141A4476M000
47
6.3
× 5.8
0.16
1.00
140
B41141B4476M000
68
6.3
× 7.7
0.16
0.60
230
B41141A4686M000
68
8
× 6.2
0.16
0.80
150
B41141B4686M000
100
6.3
× 7.7
0.16
0.60
230
B41141A4107M000
100
8
× 6.2
0.16
0.80
150
B41141B4107M000
220
10
× 10
0.16
0.15
670
B41141A4227M000
330
10
× 10
0.16
0.15
670
B41141A4337M000
470
10
× 10
0.16
0.15
670
B41141A4477M000
680
10
× 10
0.16
0.15
670
B41141A4687M000


Similar Part No. - B41141B7336M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4114 EPCOS-B4114 Datasheet
114Kb / 8P
   SAW Components Low Loss Filter for Mobile Communication 862,00 MHz
B41142 EPCOS-B41142 Datasheet
678Kb / 11P
   Aluminum electrolytic capacitors
B41142A2108M000 EPCOS-B41142A2108M000 Datasheet
678Kb / 11P
   Aluminum electrolytic capacitors
B41142A2158M000 EPCOS-B41142A2158M000 Datasheet
678Kb / 11P
   Aluminum electrolytic capacitors
B41142A2227M000 EPCOS-B41142A2227M000 Datasheet
678Kb / 11P
   Aluminum electrolytic capacitors
More results

Similar Description - B41141B7336M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com