Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41112A6474M000 Datasheet(PDF) 7 Page - EPCOS

Part # B41112A6474M000
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41112A6474M000 Datasheet(HTML) 7 Page - EPCOS

Back Button B41112A6474M000 Datasheet HTML 3Page - EPCOS B41112A6474M000 Datasheet HTML 4Page - EPCOS B41112A6474M000 Datasheet HTML 5Page - EPCOS B41112A6474M000 Datasheet HTML 6Page - EPCOS B41112A6474M000 Datasheet HTML 7Page - EPCOS B41112A6474M000 Datasheet HTML 8Page - EPCOS B41112A6474M000 Datasheet HTML 9Page - EPCOS B41112A6474M000 Datasheet HTML 10Page - EPCOS B41112A6474M000 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Technical data and ordering codes
VR
CR
120 Hz, 20
°C
µF
Case dimensions
d
× l
mm
tan
δ
max
120 Hz, 20
°C
IAC,R
120 Hz, 85
°C
mA
Ordering code
4
33
4
× 5.4
0.35
28
B41112A1336M000
47
4
× 5.4
0.35
34
B41112A1476M000
56
5
× 5.4
0.35
45
B41112A1566M000
100
5
× 5.4
0.35
61
B41112A1107M000
150
6.3
× 5.4
0.35
79
B41112A1157M000
220
6.3
× 5.4
0.35
96
B41112A1227M000
220
6.3
× 5.8
0.35
99
B41112B1227M000
330
6.3
× 5.4
0.50
98
B41112A1337M000
330
6.3
× 7.7
0.35
140
B41112B1337M000
470
6.3
× 7.7
0.35
200
B41112A1477M000
680
8
× 10
0.35
284
B41112A1687M000
1000
8
× 10
0.35
344
B41112A1108M000
1500
10
× 10
0.35
347
B41112A1158M000
6.3
22
4
× 5.4
0.26
29
B41112A2226M000
33
4
× 5.4
0.35
34
B41112A2336M000
33
5
× 5.4
0.26
37
B41112B2336M000
47
4
× 5.4
0.35
40
B41112A2476M000
47
5
× 5.4
0.26
46
B41112B2476M000
56
5
× 5.4
0.35
46
B41112A2566M000
56
6.3
× 5.4
0.26
52
B41112B2566M000
100
5
× 5.4
0.35
47
B41112A2107M000
100
6.3
× 5.4
0.26
71
B41112B2107M000
150
6.3
× 5.4
0.35
72
B41112A2157M000
220
6.3
× 5.4
0.35
86
B41112A2227M000
220
6.3
× 5.8
0.35
89
B41112B2227M000
220
8
× 6.2
0.35
103
B41112C2227M000
330
6.3
× 7.7
0.26
188
B41112A2337M000
330
8
× 6.2
0.35
300
B41112B2337M000
470
8
× 10
0.35
380
B41112A2477M000
680
8
× 10
0.35
457
B41112A2687M000
1000
8
× 10
0.35
500
B41112A2108M000
1000
10
× 10
0.35
700
B41112B2108M000
1500
10
× 10
0.35
750
B41112A2158M000
B41112
Standard series
85
°C
Page 7 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41112A6474M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41112A6474M000 EPCOS-B41112A6474M000 Datasheet
771Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B41112A6474M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com