Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41231A6109M000 Datasheet(PDF) 8 Page - EPCOS

Part # B41231A6109M000
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41231A6109M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B41231A6109M000 Datasheet HTML 4Page - EPCOS B41231A6109M000 Datasheet HTML 5Page - EPCOS B41231A6109M000 Datasheet HTML 6Page - EPCOS B41231A6109M000 Datasheet HTML 7Page - EPCOS B41231A6109M000 Datasheet HTML 8Page - EPCOS B41231A6109M000 Datasheet HTML 9Page - EPCOS B41231A6109M000 Datasheet HTML 10Page - EPCOS B41231A6109M000 Datasheet HTML 11Page - EPCOS B41231A6109M000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,R
120 Hz
85
°C
A
Ordering code
VR = 16 V DC
27000
30
× 35
0.50
11.84
5.98
B41231B4279M000
27000
35
× 25
0.50
11.48
5.80
B41231C4279M000
33000
30
× 40
0.50
12.99
6.56
B41231A4339M000
33000
35
× 30
0.50
12.69
6.41
B41231B4339M000
39000
30
× 45
0.50
14.02
7.08
B41231A4399M000
39000
35
× 35
0.50
13.78
6.96
B41231B4399M000
47000
30
× 50
0.50
15.09
7.62
B41231A4479M000
47000
35
× 40
0.50
14.93
7.54
B41231B4479M000
56000
35
× 45
0.50
16.00
8.08
B41231A4569M000
68000
35
× 50
0.50
16.89
8.53
B41231A4689M000
VR = 25 V DC
5600
22
× 25
0.40
5.25
2.65
B41231A5568M000
6800
22
× 30
0.40
6.06
3.06
B41231A5688M000
6800
25.4
× 25
0.40
6.24
3.15
B41231B5688M000
8200
22
× 35
0.40
6.83
3.45
B41231A5828M000
8200
25.4
× 30
0.40
7.07
3.57
B41231B5828M000
10000
22
× 40
0.40
7.82
3.95
B41231A5109M000
10000
25.4
× 30
0.40
7.70
3.89
B41231B5109M000
12000
22
× 45
0.40
8.73
4.41
B41231A5129M000
12000
25.4
× 35
0.40
8.65
4.37
B41231B5129M000
12000
30
× 25
0.40
7.90
3.99
B41231C5129M000
15000
22
× 50
0.40
9.78
4.94
B41231A5159M000
15000
25.4
× 40
0.40
9.78
4.94
B41231B5159M000
15000
30
× 30
0.40
8.91
4.50
B41231C5159M000
18000
25.4
× 45
0.40
10.79
5.45
B41231A5189M000
18000
30
× 35
0.40
10.10
5.10
B41231B5189M000
22000
30
× 35
0.40
10.65
5.38
B41231A5229M000
22000
35
× 30
0.40
10.91
5.51
B41231B5229M000
27000
30
× 45
0.40
12.32
6.22
B41231A5279M000
27000
35
× 35
0.40
12.12
6.12
B41231B5279M000
33000
30
× 50
0.40
13.50
6.82
B41231A5339M000
33000
35
× 40
0.40
13.35
6.74
B41231B5339M000
39000
35
× 45
0.40
14.55
7.35
B41231A5399M000
B41231
Standard series
85
°C
Page 8 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41231A6109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41231A6109M000 EPCOS-B41231A6109M000 Datasheet
975Kb / 23P
   Aluminum electrolytic capacitors
B41231A6109M000 EPCOS-B41231A6109M000 Datasheet
327Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B41231A6109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com