Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41231A9228M000 Datasheet(PDF) 10 Page - EPCOS

Part # B41231A9228M000
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41231A9228M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B41231A9228M000 Datasheet HTML 6Page - EPCOS B41231A9228M000 Datasheet HTML 7Page - EPCOS B41231A9228M000 Datasheet HTML 8Page - EPCOS B41231A9228M000 Datasheet HTML 9Page - EPCOS B41231A9228M000 Datasheet HTML 10Page - EPCOS B41231A9228M000 Datasheet HTML 11Page - EPCOS B41231A9228M000 Datasheet HTML 12Page - EPCOS B41231A9228M000 Datasheet HTML 13Page - EPCOS B41231A9228M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,R
120 Hz
85
°C
A
Ordering code
VR = 50 V DC
8200
35
× 30
0.30
10.41
5.26
B41231C6828M000
10000
30
× 45
0.30
12.02
6.07
B41231A6109M000
10000
35
× 35
0.30
11.82
5.97
B41231B6109M000
12000
30
× 50
0.30
13.11
6.62
B41231A6129M000
12000
35
× 40
0.30
12.97
6.55
B41231B6129M000
15000
35
× 45
0.30
14.26
7.20
B41231A6159M000
18000
35
× 50
0.30
15.33
7.74
B41231A6189M000
VR = 63 V DC
1800
22
× 25
0.25
4.36
2.20
B41231A8188M000
2200
22
× 30
0.25
4.95
2.50
B41231A8228M000
2200
25.4
× 25
0.25
5.11
2.58
B41231B8228M000
2700
22
× 35
0.25
5.82
2.94
B41231A8278M000
2700
25.4
× 30
0.25
6.02
3.04
B41231B8278M000
3300
22
× 35
0.25
6.22
3.14
B41231A8338M000
3300
25.4
× 30
0.25
6.45
3.26
B41231B8338M000
3300
30
× 25
0.25
6.61
3.34
B41231C8338M000
3900
22
× 40
0.25
7.13
3.60
B41231A8398M000
3900
25.4
× 35
0.25
7.41
3.74
B41231B8398M000
3900
30
× 30
0.25
7.62
3.85
B41231C8398M000
4700
22
× 50
0.25
8.30
4.19
B41231A8478M000
4700
25.4
× 40
0.25
8.30
4.19
B41231B8478M000
4700
30
× 35
0.25
8.12
4.10
B41231C8478M000
4700
35
× 30
0.25
8.30
4.19
B41231D8478M000
5600
25.4
× 45
0.25
9.21
4.65
B41231A8568M000
5600
30
× 35
0.25
9.07
4.58
B41231B8568M000
5600
35
× 30
0.25
9.31
4.70
B41231C8568M000
6800
25.4
× 50
0.25
10.30
5.20
B41231A8688M000
6800
30
× 40
0.25
10.22
5.16
B41231B8688M000
6800
35
× 30
0.25
9.98
5.04
B41231C8688M000
8200
30
× 45
0.25
11.13
5.62
B41231A8828M000
8200
35
× 35
0.25
10.95
5.53
B41231B8828M000
10000
30
× 50
0.25
12.51
6.32
B41231A8109M000
10000
35
× 40
0.25
12.38
6.25
B41231B8109M000
12000
35
× 45
0.25
13.52
6.83
B41231A8129M000
B41231
Standard series
85
°C
Page 10 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41231A9228M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41231A9228M000 EPCOS-B41231A9228M000 Datasheet
975Kb / 23P
   Aluminum electrolytic capacitors
More results

Similar Description - B41231A9228M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com