Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41043A3338M016 Datasheet(PDF) 9 Page - EPCOS

Part # B41043A3338M016
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41043A3338M016 Datasheet(HTML) 9 Page - EPCOS

Back Button B41043A3338M016 Datasheet HTML 5Page - EPCOS B41043A3338M016 Datasheet HTML 6Page - EPCOS B41043A3338M016 Datasheet HTML 7Page - EPCOS B41043A3338M016 Datasheet HTML 8Page - EPCOS B41043A3338M016 Datasheet HTML 9Page - EPCOS B41043A3338M016 Datasheet HTML 10Page - EPCOS B41043A3338M016 Datasheet HTML 11Page - EPCOS B41043A3338M016 Datasheet HTML 12Page - EPCOS B41043A3338M016 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Single-ended capacitors
B41043
Very low impedance – 105
°C
9
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
10
270
6.3
× 15
0.200
300
B41043A3277M***
330
8
× 11.5
0.160
350
B41043A3337M***
390
8
× 15
0.140
430
B41043A3397M***
470
8
× 15
0.120
475
B41043A3477M***
560
8
× 20
0.100
590
B41043A3567M***
680
8
× 20
0.078
660
B41043A3687M***
820
10
× 20
0.070
835
B41043A3827M***
1000
10
× 20
0.060
915
B41043A3108M***
1200
10
× 25
0.050
1120
B41043A3128M***
1500
10
× 31.5
0.040
1290
B41043A3158M***
1800
12.5
× 20
0.037
1320
B41043A3188M***
2200
12.5
× 25
0.034
1530
B41043A3228M***
2700
12.5
× 31.5
0.030
1740
B41043A3278M***
3300
12.5
× 35.5
0.026
1960
B41043A3338M***
3900
12.5
× 40
0.024
2120
B41043A3398M***
4700
16
× 31.5
0.023
2170
B41043A3478M***
5600
16
× 35.5
0.021
2340
B41043A3568M***
6800
16
× 35.5
0.020
2410
B41043A3688M***
8200
16
× 40
0.019
2530
B41043A3828M***
10000
18
× 40
0.017
2730
B41043A3109M***
16
47
5
× 11
0.800
92
B41043A4476M***
56
5
× 11
0.650
105
B41043A4566M***
68
6.3
× 11
0.500
135
B41043A4686M***
82
6.3
× 11
0.420
155
B41043A4826M***
100
6.3
× 11
0.350
175
B41043A4107M***
120
6.3
× 11
0.290
195
B41043A4127M***
150
6.3
× 15
0.230
260
B41043A4157M***
180
6.3
× 15
0.200
285
B41043A4187M***
220
8
× 11.5
0.160
335
B41043A4227M***
270
8
× 15
0.140
410
B41043A4277M***
330
8
× 15
0.120
455
B41043A4337M***
390
8
× 20
0.100
570
B41043A4397M***
470
8
× 20
0.085
615
B41043A4477M***
560
10
× 20
0.070
770
B41043A4567M***


Similar Part No. - B41043A3338M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41041A2107M000 EPCOS-B41041A2107M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M006 EPCOS-B41041A2107M006 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M008 EPCOS-B41041A2107M008 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M016 EPCOS-B41041A2107M016 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2108M000 EPCOS-B41041A2108M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B41043A3338M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com