Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO2010-333ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DO2010-333ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO2010-333ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  DO2010-333ML Datasheet HTML 1Page - Coilcraft lnc. DO2010-333ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
SMTPowerInductors– DO2010Series
Document 413-1
Document 413-1
Revised 08/11/09
Inductance
DCR
SRF
±20%2
max3
typ4
Isat5 Irms6
Part number1
(µH)
(Ohms) (MHz)
(A)
(A)
DO2010-123ML_
12
1.84
35
0.51
0.39
DO2010-153ML_
15
2.14
30
0.47
0.36
DO2010-223ML_
22
2.80
25
0.42
0.32
DO2010-333ML_
33
4.10
20
0.34
0.25
DO2010-473ML_
47
6.00
16
0.28
0.21
DO2010-683ML_
68
8.80
13
0.23
0.16
DO2010-104ML_
100
15.7
11
0.18
0.13
DO2010-224ML_
220
38.0
8.0
0.10
0.08
1. When ordering, please specify termination and packaging codes:
DO2010-123M
LC
Termination: L = RoHS compliant matte tin over nickel over silver-
platinum-glass frit
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (3500 parts per
full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4191A or equivalent.
5. DC current at which the inductance drops 10% (typ) from its value
without current.
6. Current that causes a 40°C temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C399 contains 5 of each part
Core material Ferrite
Core and winding loss
See www.coilcraft.com/coreloss
Terminations RoHS compliant matte tin over nickel over silver-
platinum-glass frit. Other terminations available at additional cost.
Weight 11 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.23 mm thick, 8 mm pocket spacing, 1.19 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Smallest power inductor, only 2 mm square and 1 mm high
• Can handle up to 0.51 A of saturating current
0.079 ±0.008
2,0 ±0,2
0.079 ±0.008
2,0 ±0,2
0.087
2,20
0.035
0,89
0.063
1,60
0.039 ±0.004
1,0 ±0,1
Recommended
Land Pattern
0.026
0,65
Dimensions are in
inches
mm


Similar Part No. - DO2010-333ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO2010 COILCRAFT-DO2010_13 Datasheet
115Kb / 2P
   SMT Power Inductors ??DO2010
More results

Similar Description - DO2010-333ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com