Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41866C4687M001 Datasheet(PDF) 9 Page - EPCOS

Part # B41866C4687M001
Description  Aluminum electrolytic capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41866C4687M001 Datasheet(HTML) 9 Page - EPCOS

Back Button B41866C4687M001 Datasheet HTML 5Page - EPCOS B41866C4687M001 Datasheet HTML 6Page - EPCOS B41866C4687M001 Datasheet HTML 7Page - EPCOS B41866C4687M001 Datasheet HTML 8Page - EPCOS B41866C4687M001 Datasheet HTML 9Page - EPCOS B41866C4687M001 Datasheet HTML 10Page - EPCOS B41866C4687M001 Datasheet HTML 11Page - EPCOS B41866C4687M001 Datasheet HTML 12Page - EPCOS B41866C4687M001 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
125
°C
mA
IAC,max
100 kHz
105
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20 mm to 18 × 40 mm, excluding 12.5 × 40 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm, excluding 12.5 × 40 mm)
003 = for crimped leads, blister (from d
× l = 16 × 20 mm to 18 × 40 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm, excluding 12.5 × 40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 25 V DC
100
8
× 11.5
5.170
2.147 0.646
0.573
297
416
B41866C5107M***
120
8
× 11.5
5.170
1.789 0.646
0.573
297
416
B41866C5127M***
150
8
× 11.5
5.170
1.432 0.646
0.573
297
416
B41866C5157M***
180
8
× 11.5
5.170
1.193 0.646
0.573
297
416
B41866C5187M***
220
8
× 11.5
5.170
0.976 0.646
0.573
297
416
B41866C5227M***
270
10
× 12.5
2.980
0.795 0.373
0.336
450
630
B41866C5277M***
330
10
× 12.5
2.980
0.651 0.373
0.336
450
630
B41866C5337M***
390
10
× 16
1.404
0.551 0.175
0.160
714
1000
B41866C5397M***
470
10
× 16
1.404
0.457 0.175
0.160
714
1000
B41866C5477M***
560
10
× 20
1.070
0.383 0.134
0.127
875
1225
B41866C5567M***
680
10
× 20
1.070
0.316 0.134
0.127
875
1225
B41866C5687M***
820
12.5
× 20
0.881
0.262 0.110
0.104
1105
1546
B41866C5827M***
1000
12.5
× 20
0.881
0.215 0.110
0.104
1105
1546
B41866C5108M***
1200
12.5
× 25
0.710
0.179 0.089
0.082
1358
1901
B41866C5128M***
1500
12.5
× 25
0.710
0.143 0.089
0.082
1358
1901
B41866C5158M***
1800
16
× 20
0.401
0.119 0.050
0.046
1895
2652
B41866C5188M***
2200
12.5
× 40
0.406
0.109 0.051
0.047
2185
3058
B41866C5228M***
2200
16
× 25
0.314
0.109 0.039
0.037
2279
3190
B41866D5228M***
2200
18
× 20
0.341
0.109 0.043
0.040
2190
3066
B41866E5228M***
2700
18
× 25
0.312
0.088 0.039
0.037
2454
3436
B41866D5278M***
3300
16
× 31.5
0.248
0.080 0.031
0.029
2822
3951
B41866D5338M***
3900
18
× 31.5
0.224
0.068 0.028
0.027
3178
4449
B41866D5398M***
4700
18
× 35
0.184
0.061 0.023
0.022
3638
5093
B41866D5478M***
5600
18
× 40
0.152
0.056 0.019
0.018
4244
5942
B41866C5568M***
B41866
High ripple current
125
°C
Page 9 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41866C4687M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41866C4687M001 EPCOS-B41866C4687M001 Datasheet
723Kb / 30P
   Single-ended capacitors
More results

Similar Description - B41866C4687M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com