Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43601F2827M000 Datasheet(PDF) 10 Page - EPCOS

Part # B43601F2827M000
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43601F2827M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B43601F2827M000 Datasheet HTML 6Page - EPCOS B43601F2827M000 Datasheet HTML 7Page - EPCOS B43601F2827M000 Datasheet HTML 8Page - EPCOS B43601F2827M000 Datasheet HTML 9Page - EPCOS B43601F2827M000 Datasheet HTML 10Page - EPCOS B43601F2827M000 Datasheet HTML 11Page - EPCOS B43601F2827M000 Datasheet HTML 12Page - EPCOS B43601F2827M000 Datasheet HTML 13Page - EPCOS B43601F2827M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
560
22
× 45
160
290
220
4.42
2.25
B43601E2567M0*#
560
25
× 35
160
290
220
4.28
2.18
B43601F2567M0*#
560
30
× 25
160
290
220
3.91
1.99
B43601G2567M0*#
680
22
× 50
130
240
180
4.99
2.54
B43601E2687M0*#
680
25
× 40
130
240
180
4.86
2.48
B43601F2687M0*#
680
30
× 30
130
240
180
4.49
2.29
B43601G2687M0*#
680
35
× 25
130
240
180
3.88
1.98
B43601H2687M0*#
820
25
× 45
110
200
150
5.49
2.80
B43601E2827M0*#
820
30
× 35
110
200
150
5.11
2.61
B43601F2827M0*#
820
35
× 30
110
200
150
4.73
2.41
B43601G2827M0*#
1000
25
× 55
90
160
130
6.35
3.24
B43601E2108M0*#
1000
30
× 40
90
160
130
6.21
3.16
B43601F2108M0*#
1000
35
× 30
90
160
130
5.23
2.66
B43601G2108M0*#
1200
30
× 45
75
140
110
6.99
3.56
B43601E2128M0*#
1200
35
× 35
75
140
110
5.93
3.02
B43601F2128M0*#
1500
30
× 55
60
110
85
8.20
4.18
B43601E2158M0*#
1500
35
× 40
60
110
85
6.84
3.49
B43601F2158M0*#
1800
35
× 45
50
90
70
7.71
3.93
B43601E2188M0*#
2200
35
× 55
40
75
60
8.94
4.56
B43601E2228M0*#
VR = 400 V DC
100
22
× 25
1090
1900
1470
1.68
0.86
B43601A9107M0*#
120
22
× 30
900
1590
1220
1.92
0.98
B43601A9127M0*#
150
22
× 30
720
1270
980
2.15
1.09
B43601A9157M0*#
150
25
× 25
720
1270
980
2.15
1.10
B43601B9157M0*#
180
22
× 35
600
1060
820
2.44
1.24
B43601A9187M0*#
180
25
× 30
600
1060
820
2.46
1.25
B43601B9187M0*#
220
22
× 40
490
870
670
2.78
1.42
B43601A9227M0*#
220
25
× 35
490
870
670
2.82
1.44
B43601B9227M0*#
220
30
× 25
490
870
670
2.69
1.37
B43601C9227M0*#
270
22
× 45
400
710
550
3.17
1.61
B43601A9277M0*#
270
25
× 40
400
710
550
3.22
1.64
B43601B9277M0*#
270
30
× 30
400
710
550
3.11
1.58
B43601C9277M0*#
B43601
Long useful life and ultra compact
85
°C
Page 10 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43601F2827M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43624 TDK-B43624 Datasheet
624Kb / 21P
   Aluminum electrolytic capacitors
B43624A2108M0 TDK-B43624A2108M0 Datasheet
630Kb / 21P
   Snap-in capacitors
B43624A2128M0 TDK-B43624A2128M0 Datasheet
630Kb / 21P
   Snap-in capacitors
B43624A2158M0 TDK-B43624A2158M0 Datasheet
630Kb / 21P
   Snap-in capacitors
B43624A2188M0 TDK-B43624A2188M0 Datasheet
630Kb / 21P
   Snap-in capacitors
More results

Similar Description - B43601F2827M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com