Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ9223C Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQ9223C
Description  3V Cellular TDMA/AMPS LNA/mixer Receiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ9223C Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQ9223C Datasheet HTML 1Page - TriQuint Semiconductor TQ9223C Datasheet HTML 2Page - TriQuint Semiconductor TQ9223C Datasheet HTML 3Page - TriQuint Semiconductor TQ9223C Datasheet HTML 4Page - TriQuint Semiconductor TQ9223C Datasheet HTML 5Page - TriQuint Semiconductor TQ9223C Datasheet HTML 6Page - TriQuint Semiconductor TQ9223C Datasheet HTML 7Page - TriQuint Semiconductor TQ9223C Datasheet HTML 8Page - TriQuint Semiconductor TQ9223C Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TQ9223C
Data Sheet
For additional information and latest specifications, see our website:
www.triquint.com
3
Electrical Characteristics- Mixer section only
Parameter
Conditions
Min.
Typ/Nom
Max.
Units
Conversion Gain
3.5
dB
Noise Figure
12.0
dB
Output 3rd Order Intercept
10.0
dBm
Mixer RF Return Loss
15.0
dB
Mixer LO Return Loss
10.0
dB
LO Input Power
-6.0
dBm
LO to IF Isolation
40.0
dB
LO to RF Isolation
5.0
dB
RF to IF Isolation
40.0
dB
Supply Current
4.0
mA
Note 1: Test Conditions:, Vdd=3.75V, Ta=25C, RF=881MHz, LO=966MHz, IF=85MHz, LO input=-6dBm: unless otherwise specified.
Absolute Maximum Ratings
Parameter
Value
Units
DC Power Supply
8.0
V
RF Input Power
+10
dBm
Operating Temperature
-40 to 85
C
Storage Temperature
-55 to 150
C


Similar Part No. - TQ9223C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
   Dual-Band TDMA LNA/Downconverter IC
More results

Similar Description - TQ9223C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
   3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5122 TRIQUINT-TQ5122 Datasheet
84Kb / 9P
   3V Cellular TDMA/AMPS Receiver IC With Power- Down
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
   3V Cellular TDMA/AMPS Power Amplifier IC
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ5635 TRIQUINT-TQ5635 Datasheet
218Kb / 25P
   3 V PCS LNA/Mixer Receiver IC
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
   Dual-Band TDMA LNA/Downconverter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com