Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43601F2128M000 Datasheet(PDF) 11 Page - EPCOS

Part # B43601F2128M000
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43601F2128M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B43601F2128M000 Datasheet HTML 7Page - EPCOS B43601F2128M000 Datasheet HTML 8Page - EPCOS B43601F2128M000 Datasheet HTML 9Page - EPCOS B43601F2128M000 Datasheet HTML 10Page - EPCOS B43601F2128M000 Datasheet HTML 11Page - EPCOS B43601F2128M000 Datasheet HTML 12Page - EPCOS B43601F2128M000 Datasheet HTML 13Page - EPCOS B43601F2128M000 Datasheet HTML 14Page - EPCOS B43601F2128M000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
330
25
× 45
330
580
450
3.66
1.87
B43601A9337M0*#
330
30
× 35
330
580
450
3.56
1.81
B43601B9337M0*#
330
35
× 25
330
580
450
3.19
1.63
B43601C9337M0*#
390
25
× 50
280
490
380
4.08
2.08
B43601A9397M0*#
390
30
× 35
280
490
380
3.87
1.97
B43601B9397M0*#
390
35
× 30
280
490
380
3.85
1.96
B43601C9397M0*#
470
25
× 55
230
410
320
4.58
2.33
B43601A9477M0*#
470
30
× 40
230
410
320
4.67
2.38
B43601B9477M0*#
470
35
× 35
230
410
320
4.38
2.23
B43601C9477M0*#
560
30
× 45
190
340
270
5.25
2.67
B43601A9567M0*#
560
35
× 35
190
340
270
4.78
2.44
B43601B9567M0*#
680
30
× 55
160
280
220
6.06
3.09
B43601A9687M0*#
680
35
× 40
160
280
220
5.44
2.77
B43601B9687M0*#
820
35
× 50
130
240
180
6.30
3.21
B43601A9827M0*#
1000
35
× 55
110
190
150
7.11
3.63
B43601A9108M0*#
VR = 450 V DC
82
22
× 25
1320
2320
1860
1.58
0.80
B43601A5826M0*#
100
22
× 30
1090
1900
1520
1.82
0.92
B43601A5107M0*#
120
22
× 30
900
1590
1270
1.99
1.01
B43601A5127M0*#
120
25
× 25
900
1590
1270
1.99
1.01
B43601B5127M0*#
150
22
× 35
720
1270
1020
2.31
1.17
B43601A5157M0*#
150
25
× 30
720
1270
1020
2.32
1.18
B43601B5157M0*#
180
22
× 40
600
1060
850
2.61
1.33
B43601A5187M0*#
180
25
× 35
600
1060
850
2.63
1.34
B43601B5187M0*#
180
30
× 25
600
1060
850
2.61
1.33
B43601C5187M0*#
220
22
× 50
490
870
700
3.03
1.54
B43601A5227M0*#
220
25
× 40
490
870
700
3.00
1.53
B43601B5227M0*#
220
30
× 30
490
870
700
3.01
1.53
B43601C5227M0*#
220
35
× 25
490
870
700
2.83
1.44
B43601D5227M0*#
270
25
× 45
400
710
570
3.42
1.74
B43601A5277M0*#
270
30
× 35
400
710
570
3.46
1.76
B43601B5277M0*#
270
35
× 30
400
710
570
3.48
1.77
B43601C5277M0*#
B43601
Long useful life and ultra compact
85
°C
Page 11 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43601F2128M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43624 TDK-B43624 Datasheet
624Kb / 21P
   Aluminum electrolytic capacitors
B43624A2108M0 TDK-B43624A2108M0 Datasheet
630Kb / 21P
   Snap-in capacitors
B43624A2128M0 TDK-B43624A2128M0 Datasheet
630Kb / 21P
   Snap-in capacitors
B43624A2158M0 TDK-B43624A2158M0 Datasheet
630Kb / 21P
   Snap-in capacitors
B43624A2188M0 TDK-B43624A2188M0 Datasheet
630Kb / 21P
   Snap-in capacitors
More results

Similar Description - B43601F2128M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com