Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-1170 Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # PD-1170
Description  InGaAs PIN PHOTODIODE 3 mm InGaAs PIN Photdiode with TO-5 Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-1170 Datasheet(HTML) 3 Page - Optoway Technology Inc

  PD-1170_09 Datasheet HTML 1Page - Optoway Technology Inc PD-1170_09 Datasheet HTML 2Page - Optoway Technology Inc PD-1170_09 Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Optoway
PD-1170
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/16/2009 V2.0
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2003/8/1
2.0
Mechanical dimension modification
2009/3/16


Similar Part No. - PD-1170_09

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-1170 OPTOWAY-PD-1170 Datasheet
47Kb / 2P
   InGaAs PIN PHOTODIODE 3 mm InGaAs PIN Photdiode with TO-5 Package
More results

Similar Description - PD-1170_09

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-1170 OPTOWAY-PD-1170 Datasheet
47Kb / 2P
   InGaAs PIN PHOTODIODE 3 mm InGaAs PIN Photdiode with TO-5 Package
PD-1190 OPTOWAY-PD-1190 Datasheet
47Kb / 2P
   InGaAs PIN PHOTODIODE 2 mm InGaAs PIN Photdiode with TO-5 Package
PD-1190 OPTOWAY-PD-1190_09 Datasheet
117Kb / 3P
   InGaAs PIN PHOTODIODE 2 mm InGaAs PIN Photdiode with TO-5 Package
PD-1180 OPTOWAY-PD-1180 Datasheet
61Kb / 2P
   InGaAs PIN PHOTODIODES 1 mm InGaAs PIN Photdiode with TO-46 Package
PD-1180 OPTOWAY-PD-1180_10 Datasheet
63Kb / 2P
   InGaAs PIN PHOTODIODES 1 mm InGaAs PIN Photdiode with TO-46 Package
PD-1181 OPTOWAY-PD-1181 Datasheet
47Kb / 2P
   InGaAs PIN PHOTODIODES 0.5 mm InGaAs PIN Photdiode with TO-46 Package
PD-1180 OPTOWAY-PD-1180_09 Datasheet
116Kb / 3P
   InGaAs PIN PHOTODIODES 1 mm InGaAs PIN Photdiode with TO-46 Package
PD-1181 OPTOWAY-PD-1181_09 Datasheet
115Kb / 2P
   InGaAs PIN PHOTODIODES 0.5 mm InGaAs PIN Photdiode with TO-46 Package
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com