Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57863S0103F040 Datasheet(PDF) 6 Page - EPCOS

Part # B57863S0103F040
Description  NTC thermistors for temperature measurement
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57863S0103F040 Datasheet(HTML) 6 Page - EPCOS

Back Button B57863S0103F040 Datasheet HTML 2Page - EPCOS B57863S0103F040 Datasheet HTML 3Page - EPCOS B57863S0103F040 Datasheet HTML 4Page - EPCOS B57863S0103F040 Datasheet HTML 5Page - EPCOS B57863S0103F040 Datasheet HTML 6Page - EPCOS B57863S0103F040 Datasheet HTML 7Page - EPCOS B57863S0103F040 Datasheet HTML 8Page - EPCOS B57863S0103F040 Datasheet HTML 9Page - EPCOS B57863S0103F040 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Mounting instructions
1
Soldering
1.1
Leaded NTC thermistors
Leaded thermistors comply with the solderability requirements specified by CECC.
When soldering, care must be taken that the NTC thermistors are not damaged by excessive
heat. The following maximum temperatures, maximum time spans and minimum distances have
to be observed:
Dip soldering
Iron soldering
Bath temperature
max. 260
°C
max. 360
°C
Soldering time
max. 4 s
max. 2 s
Distance from thermistor
min. 6 mm
min. 6 mm
Under more severe soldering conditions the resistance may change.
1.2
Leadless NTC thermistors
In case of NTC thermistors without leads, soldering is restricted to devices which are provided
with a solderable metallization. The temperature shock caused by the application of hot solder
may produce fine cracks in the ceramic, resulting in changes in resistance.
To prevent leaching of the metallization, solder with silver additives or with a low tin content
should be used. In addition, soldering methods should be employed which permit short soldering
times.
2
Clamp contacting
Pressure contacting by means of clamps is particularly suitable for applications involving frequent
switching and high turn-on powers.
3
Robustness of terminations (leaded types)
The leads meet the requirements of IEC 60068-2-21. They may not be bent closer than 4 mm
from the solder joint on the thermistor body or from the point at which they leave the feed-
throughs. During bending, any mechanical stress at the outlet of the leads must be removed. The
bending radius should be at least 0.75 mm.
Tensile strength:
Test Ua1:
Leads
∅ ≤0.25 mm =
1.0 N
0.25 <
∅ ≤0.35 mm =
2.5 N
0.35 <
∅ ≤0.50 mm =
5.0 N
0.50 <
∅ ≤0.80 mm = 10.0 N
0.80 <
∅ ≤1.25 mm = 20.0 N
Temperature measurement
B57863S
Miniature sensors with bendable wires
S863
Page 6 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57863S0103F040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57863S0103F040 TDK-B57863S0103F040 Datasheet
442Kb / 18P
   NTC thermistors for temperature measurement
More results

Similar Description - B57863S0103F040

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com