Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43254G2277M000 Datasheet(PDF) 11 Page - EPCOS

Part # B43254G2277M000
Description  Aluminum electrolytic capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43254G2277M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B43254G2277M000 Datasheet HTML 6Page - EPCOS B43254G2277M000 Datasheet HTML 7Page - EPCOS B43254G2277M000 Datasheet HTML 8Page - EPCOS B43254G2277M000 Datasheet HTML 9Page - EPCOS B43254G2277M000 Datasheet HTML 10Page - EPCOS B43254G2277M000 Datasheet HTML 11Page - EPCOS B43254G2277M000 Datasheet HTML 12Page - EPCOS B43254G2277M000 Datasheet HTML 13Page - EPCOS B43254G2277M000 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Snap-in capacitors
B43254
Standard series – 105
°C
11 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
450
56
22
× 25
0.29
B43254A5566M000
68
22
× 30
0.34
B43254A5686M000
68
25.4
× 25
0.35
B43254B5686M000
82
22
× 30
0.38
B43254A5826M000
82
25.4
× 25
0.39
B43254B5826M000
100
22
× 35
0.44
B43254A5107M000
100
25.4
× 30
0.46
B43254B5107M000
100
30
× 25
0.47
B43254C5107M000
120
22
× 40
0.51
B43254A5127M000
120
25.4
× 30
0.50
B43254B5127M000
120
30
× 25
0.51
B43254C5127M000
120
35
× 25
0.56
B43254D5127M000
150
22
× 45
0.60
B43254A5157M000
150
25.4
× 40
0.62
B43254B5157M000
150
30
× 30
0.61
B43254C5157M000
150
35
× 25
0.62
B43254D5157M000
180
22
× 50
0.68
B43254A5187M000
180
25.4
× 40
0.68
B43254B5187M000
180
30
× 30
0.67
B43254C5187M000
180
35
× 25
0.68
B43254D5187M000
220
25.4
× 50
0.79
B43254A5227M000
220
30
× 35
0.78
B43254B5227M000
220
35
× 25
0.75
B43254C5227M000
270
30
× 40
0.90
B43254A5277M000
270
35
× 30
0.88
B43254B5277M000
330
30
× 45
1.04
B43254A5337M000
330
35
× 35
1.03
B43254B5337M000
390
30
× 50
1.18
B43254A5397M000
390
35
× 40
1.17
B43254B5397M000
470
35
× 45
1.34
B43254A5477M000
560
35
× 50
1.52
B43254A5567M000
Technical data and ordering codes
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
105
°C
A
Ordering code
AEC-C_B43254.book Seite 11 Mittwoch, 16. April 2008 1:53 13


Similar Part No. - B43254G2277M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43252 EPCOS-B43252 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0107M000 EPCOS-B43252A0107M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0127M000 EPCOS-B43252A0127M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0157M000 EPCOS-B43252A0157M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
B43252A0187M000 EPCOS-B43252A0187M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B43254G2277M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com